Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR0706-EN Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0706-EN
Description  Built-in 2.8-inch Touch Screen
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0706-EN Datasheet(HTML) 1 Page - DFROBOT

  DFR0706-EN Datasheet HTML 1Page - DFROBOT DFR0706-EN Datasheet HTML 2Page - DFROBOT DFR0706-EN Datasheet HTML 3Page - DFROBOT DFR0706-EN Datasheet HTML 4Page - DFROBOT DFR0706-EN Datasheet HTML 5Page - DFROBOT DFR0706-EN Datasheet HTML 6Page - DFROBOT DFR0706-EN Datasheet HTML 7Page - DFROBOT DFR0706-EN Datasheet HTML 8Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
INTRODUCTION
UNIHIKER is a single-board computer that brings you brand new experience. It
features a 2.8-inch touchscreen, Wi-Fi and Bluetooth. It is equipped with light
sensor, accelerometer, gyroscope and microphone. With built-in co-processor,
it is able to communicate with various analog/digital/I2C/UART/SPI sensors
and acuators.
UNIHIKER brings a whole new experience for developers with its pre-installed
software, allowing for an incredibly fast and easy start. Featuring a built-in
Jupyter Notebook (a browser-based programming environment), developers
can program the single board computer using a smartphone or tablet.
Of course, just like other single board computers, UNIHIKER supports VS
Code, VIM, and Thonny. The integrated PinPong control library allows
developers to directly control UNIHIKER's built-in sensors and hundreds of
connected sensors and actuators using Python.
The built-in SIoT service on UNIHIKER allows users to store data through the
MQTT protocol and provides real-time web data access. The best part is that
all data is stored within the device itself.
Compact, feature-rich, and user-friendly, UNIHIKER offers an innovative
development experience for learning, coding, and creating. Unleash your
imagination and embark on a new journey with UNIHIKER.


Similar Part No. - DFR0706-EN

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0720 DFROBOT-DFR0720 Datasheet
1Mb / 3P
Power Supply: 3.7V-5V
DFR0734 DFROBOT-DFR0734 Datasheet
155Kb / 4P
RS232 Connector Expansion Shield for LattePanda V1.0 Wiki
2021/4/8
DFR0745 DFROBOT-DFR0745 Datasheet
1Mb / 26P
Operating Voltage: 3.3~5V
DFR0753 DFROBOT-DFR0753 Datasheet
87Kb / 1P
DC-DC Buck Converter 6~14V to 5V/8A x1
DFR0756 DFROBOT-DFR0756 Datasheet
1Mb / 2P
DC-DC Fast Charge Module 6~32V to 5V/3A
9-21-20
More results

Similar Description - DFR0706-EN

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
F1-05811APA-G0 POWER-SYSTEMS-F1-05811APA-G0 Datasheet
246Kb / 2P
TOUCH SCREEN
logo
Schurter Inc.
10700451 SCHURTER-10700451 Datasheet
145Kb / 4P
TOUCH SCREEN
10700453 SCHURTER-10700453 Datasheet
221Kb / 4P
TOUCH SCREEN
10700456 SCHURTER-10700456 Datasheet
118Kb / 4P
TOUCH SCREEN
10700461 SCHURTER-10700461 Datasheet
197Kb / 5P
TOUCH SCREEN
10700464 SCHURTER-10700464 Datasheet
199Kb / 5P
TOUCH SCREEN
10700467 SCHURTER-10700467 Datasheet
199Kb / 5P
TOUCH SCREEN
10700469 SCHURTER-10700469 Datasheet
236Kb / 4P
TOUCH SCREEN
10700474 SCHURTER-10700474 Datasheet
188Kb / 4P
TOUCH SCREEN
10700475 SCHURTER-10700475 Datasheet
188Kb / 4P
TOUCH SCREEN
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com