Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR0753 Datasheet (PDF) - DFROBOT

DFR0753 Datasheet PDF - DFROBOT
Part # DFR0753
Download  DFR0753 Download
File Size   87.21 Kbytes
Page   1 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description DC-DC Buck Converter 6~14V to 5V/8A x1

DFR0753 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR0753 Datasheet PDF - DFROBOT

Part # DFR0753
Download  DFR0753 Click to download

File Size   87.21 Kbytes
Page   1 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description DC-DC Buck Converter 6~14V to 5V/8A x1

DFR0753 Datasheet (HTML) - DFROBOT


DFR0753 Product details

FEATURES
Small in size
40W high power output
Over 96% conversion ratio
Can be used as SMD component
SPECIFICATION
Input Voltage Range: 6V-14V
Output Voltage: 5V
Output Current: 0-8A
Voltage Accuracy: ±1%
Full-load Output Ripple: <30mV
Conversion Ratio: >96% (12V input, full-load output)
Static Current: <200uA
Operating Temperature: 0°C~70°C




Similar Part No. - DFR0753

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0756 DFROBOT-DFR0756 Datasheet
1Mb / 2P
DC-DC Fast Charge Module 6~32V to 5V/3A
9-21-20
DFR0759 DFROBOT-DFR0759 Datasheet
57Kb / 1P
This Gravity: I2C HUB
More results


Similar Description - DFR0753

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL2011 ETC2-XL2011 Datasheet
241Kb / 9P
5V/2.1A 150KHz 45V Buck DC to DC Converter For USB Interface
XL2012 ETC2-XL2012 Datasheet
242Kb / 9P
5V/2.4A 150KHz 40V Buck DC to DC Converter For USB Interface
XL4016 ETC2-XL4016 Datasheet
250Kb / 10P
8A 180KHz 40V Buck DC to DC Converter
logo
ELMOS Semiconductor AG
E521.02 ELMOS-E521.02 Datasheet
1Mb / 82P
High efficiency 5V DC/DC buck converter
logo
PULS GmbH
CD5.121 PULS-CD5.121 Datasheet
599Kb / 22P
DC/DC Converter 12V, 8A
logo
Richtek Technology Corp...
RT8509 RICHTEK-RT8509 Datasheet
226Kb / 9P
3A, 14V Step-Up DC/DC Converter
logo
XLSEMI
XL2011 XLSEMI-XL2011 Datasheet
186Kb / 9P
5V/2.1A 150KHz 45V Buck DC to DC Converter For USB Interface
XL4016 XLSEMI-XL4016 Datasheet
250Kb / 10P
8A 180KHz 40V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM2204D HMSEMI-HM2204D Datasheet
489Kb / 10P
14V Step-up DC/DC Converter
HM3105B HMSEMI-HM3105B Datasheet
581Kb / 10P
8A 180KHz 40V Buck DC to DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com