Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR0734 Datasheet (PDF) - DFROBOT

DFR0734 Datasheet PDF - DFROBOT
Part # DFR0734
Download  DFR0734 Download
File Size   155.57 Kbytes
Page   4 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description RS232 Connector Expansion Shield for LattePanda V1.0 Wiki

DFR0734 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR0734 Datasheet PDF - DFROBOT

Part # DFR0734
Download  DFR0734 Click to download

File Size   155.57 Kbytes
Page   4 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description RS232 Connector Expansion Shield for LattePanda V1.0 Wiki

DFR0734 Datasheet (HTML) - DFROBOT


DFR0734 Product details

Operating Voltage: +5V
EIA/TIA-232-F Standard Compliant
Data Transceiving Indicator
DB9 Port(male)
Up to 115200bps Baud Rate
Isolated Voltage 2500VDC
Built-in Isolated Power
Operating Temperature: -40℃ to +85℃
⚠ Not Support for Hot Pluggable




Similar Part No. - DFR0734

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0706-EN DFROBOT-DFR0706-EN Datasheet
6Mb / 8P
Built-in 2.8-inch Touch Screen
DFR0720 DFROBOT-DFR0720 Datasheet
1Mb / 3P
Power Supply: 3.7V-5V
DFR0745 DFROBOT-DFR0745 Datasheet
1Mb / 26P
Operating Voltage: 3.3~5V
DFR0753 DFROBOT-DFR0753 Datasheet
87Kb / 1P
DC-DC Buck Converter 6~14V to 5V/8A x1
DFR0756 DFROBOT-DFR0756 Datasheet
1Mb / 2P
DC-DC Fast Charge Module 6~32V to 5V/3A
9-21-20
More results


Similar Description - DFR0734

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPI-4 ETC2-SPI-4 Datasheet
106Kb / 3P
Core w/ FIFOs V1.0 For Altera PLDs
logo
Advantech Co., Ltd.
ROM-DB5900 ADVANTECH-ROM-DB5900_15 Datasheet
595Kb / 2P
Development board for RISC SMARC v1.0 Module
logo
PHOENIX CONTACT
2878586 PHOENIX-2878586 Datasheet
49Kb / 1P
Shield connector, for INTERBUS connection
logo
Shenzhen Huazhimei Semi...
HM3132 HMSEMI-HM3132 Datasheet
860Kb / 10P
Chip Data Sheet V1.0
HM5424 HMSEMI-HM5424 Datasheet
622Kb / 11P
H User Manual V1.0
HM2106 HMSEMI-HM2106 Datasheet
723Kb / 10P
Chip Data Manual V1.0
logo
Beckhoff Automation Gmb...
CX7080 BECKHOFF-CX7080 Datasheet
138Kb / 4P
Embedded PC for RS232/RS485
logo
STMicroelectronics
X-NUCLEO-STMODA1 STMICROELECTRONICS-X-NUCLEO-STMODA1 Datasheet
8Mb / 4P
STMod connector expansion board for STM32 Nucleo
10-Apr-2018
logo
Coolgear Inc.
CG-PCIEC-DVICEB COOLGEAR-CG-PCIEC-DVICEB Datasheet
523Kb / 2P
3FT DVI Like Expansion Cable for Expansion Box
logo
Infineon Technologies A...
TC3X4L INFINEON-TC3X4L Datasheet
1,014Kb / 49P
TriBoard Manual TC3X4L Hardware: TriBoard TC3X4L TH V1.0 and TriBoard TC3X4L V1.0
V1.2 2019-09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com