Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR0720 Datasheet (PDF) - DFROBOT

DFR0720 Datasheet PDF - DFROBOT
Part # DFR0720
Download  DFR0720 Download
File Size   1400.46 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Power Supply: 3.7V-5V

DFR0720 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR0720 Datasheet PDF - DFROBOT

Part # DFR0720
Download  DFR0720 Click to download

File Size   1400.46 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Power Supply: 3.7V-5V

DFR0720 Datasheet (HTML) - DFROBOT


DFR0720 Product details

SPECIFICATION
• Power Supply: 3.7V-5V
• Bluetooth Version: 4.2
• Transmission Distance: 15m(Visible)
• Audio Decoding: WAV, APE, FLAC, MP3
• Match Speaker: 2-8Ω, 3-5W (4Ω5W speaker is recommended )
• Dimension: 20*45mm/0.79*1.77”




Similar Part No. - DFR0720

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0706-EN DFROBOT-DFR0706-EN Datasheet
6Mb / 8P
Built-in 2.8-inch Touch Screen
DFR0734 DFROBOT-DFR0734 Datasheet
155Kb / 4P
RS232 Connector Expansion Shield for LattePanda V1.0 Wiki
2021/4/8
DFR0745 DFROBOT-DFR0745 Datasheet
1Mb / 26P
Operating Voltage: 3.3~5V
DFR0753 DFROBOT-DFR0753 Datasheet
87Kb / 1P
DC-DC Buck Converter 6~14V to 5V/8A x1
DFR0756 DFROBOT-DFR0756 Datasheet
1Mb / 2P
DC-DC Fast Charge Module 6~32V to 5V/3A
9-21-20
More results


Similar Description - DFR0720

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62650F TOSHIBA-TD62650F Datasheet
651Kb / 17P
5V POWER SUPPLY & SUPPLY MONITORINGCOMMUNICATIONS IC
15-May-1998
logo
Panasonic Semiconductor
MN103S83D PANASONIC-MN103S83D Datasheet
123Kb / 3P
5V single power supply (regulator)
logo
Toshiba Semiconductor
TD62650FG TOSHIBA-TD62650FG Datasheet
547Kb / 19P
5V POWER SUPPLY & SUPPLY MONITORING COMMUNICATIONS IC
logo
Shanghai Leiditech Elec...
LM485EPA LEIDITECH-LM485EPA Datasheet
4Mb / 10P
5V power supply, half duplex
LM3085EPA LEIDITECH-LM3085EPA Datasheet
7Mb / 12P
5V power supply, half duplex
logo
Maxim Integrated Produc...
MAX17525EVKIT MAXIM-MAX17525EVKIT Datasheet
2Mb / 12P
5V DC power supply
Rev 0; 9/16
MAX33251ESHLD MAXIM-MAX33251ESHLD Datasheet
438Kb / 9P
5V, 500mA DC power supply
Rev 0; 2/19
MAX33250ESHLD MAXIM-MAX33250ESHLD Datasheet
620Kb / 9P
5V, 500mA DC power supply
Rev 0; 9/18
MAX33012ESHLD MAXIM-MAX33012ESHLD Datasheet
2Mb / 9P
5V, 500mA DC power supply
Rev 1; 4/21
logo
SparkFun Electronics
TOL-11296 SPARKFUN-TOL-11296 Datasheet
102Kb / 1P
Power Supply - 12V/5V (2A)
12/1/2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com