Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR0745 Datasheet (PDF) - DFROBOT

DFR0745 Datasheet PDF - DFROBOT
Part # DFR0745
Download  DFR0745 Download
File Size   1316.3 Kbytes
Page   26 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Operating Voltage: 3.3~5V

DFR0745 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR0745 Datasheet PDF - DFROBOT

Part # DFR0745
Download  DFR0745 Click to download

File Size   1316.3 Kbytes
Page   26 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Operating Voltage: 3.3~5V

DFR0745 Datasheet (HTML) - DFROBOT


DFR0745 Product details

Features
Support about 40 minutes voice recording
Support multi-segment voice recording
Voice recording/playing via on-board buttons
Onboard 5W power amplifier
Support analog U-disk
Application
DIY Plush Toys
Handmade Personalized Gift
Event Voice Memo




Similar Part No. - DFR0745

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0706-EN DFROBOT-DFR0706-EN Datasheet
6Mb / 8P
Built-in 2.8-inch Touch Screen
DFR0720 DFROBOT-DFR0720 Datasheet
1Mb / 3P
Power Supply: 3.7V-5V
DFR0734 DFROBOT-DFR0734 Datasheet
155Kb / 4P
RS232 Connector Expansion Shield for LattePanda V1.0 Wiki
2021/4/8
DFR0753 DFROBOT-DFR0753 Datasheet
87Kb / 1P
DC-DC Buck Converter 6~14V to 5V/8A x1
DFR0756 DFROBOT-DFR0756 Datasheet
1Mb / 2P
DC-DC Fast Charge Module 6~32V to 5V/3A
9-21-20
More results


Similar Description - DFR0745

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62726N TOSHIBA-TB62726N Datasheet
535Kb / 16P
16 BIT CONSTANT CURRENT LED DRIVER WITH OPERATING VOLTAGE OF 3.3 V
logo
Golledge Electronics Lt...
GXOU108 GOLLEDGE-GXOU108 Datasheet
68Kb / 1P
3.3 V & 5V CMOS OSCILLATOR
logo
List of Unclassifed Man...
S1800 ETC1-S1800 Datasheet
114Kb / 2P
Crystal Clock Oscillator 3.3 & 5V, HCMOS, TTL, SMD
logo
ON Semiconductor
MC100LVEL40 ONSEMI-MC100LVEL40_06 Datasheet
114Kb / 6P
3.3/5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
MC100LVEL40DW ONSEMI-MC100LVEL40DW Datasheet
108Kb / 6P
3.3/5VECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
logo
SHANGHAI BELLING CO., L...
BL6810 BELLING-BL6810 Datasheet
1Mb / 50P
Operating Voltage - 5V
logo
IK Semicon Co., Ltd
IW4015B IKSEMICON-IW4015B Datasheet
218Kb / 6P
Operating Voltage Range
logo
ATMEL Corporation
U2794B ATMEL-U2794B_05 Datasheet
437Kb / 15P
Supply Voltage 5V
logo
Golledge Electronics Lt...
GTXO-S14T GOLLEDGE-GTXO-S14T Datasheet
547Kb / 4P
3.3 & 5V Stratum 3 Sinewave TCXO
GTXO-C14T GOLLEDGE-GTXO-C14T Datasheet
547Kb / 4P
3.3 & 5V Stratum 3 CMOS TCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com