Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW4015B Datasheet (PDF) - IK Semicon Co., Ltd

IW4015B Datasheet PDF - IK Semicon Co., Ltd
Part # IW4015B
Download  IW4015B Download

File Size   218.82 Kbytes
Page   6 Pages
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd
Description Operating Voltage Range

IW4015B Datasheet (PDF)

Go To PDF Page Download Datasheet
IW4015B Datasheet PDF - IK Semicon Co., Ltd

Part # IW4015B
Download  IW4015B Click to download

File Size   218.82 Kbytes
Page   6 Pages
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd
Description Operating Voltage Range

IW4015B Datasheet (HTML) - IK Semicon Co., Ltd

IW4015B Datasheet HTML 1Page - IK Semicon Co., Ltd IW4015B Datasheet HTML 2Page - IK Semicon Co., Ltd IW4015B Datasheet HTML 3Page - IK Semicon Co., Ltd IW4015B Datasheet HTML 4Page - IK Semicon Co., Ltd IW4015B Datasheet HTML 5Page - IK Semicon Co., Ltd IW4015B Datasheet HTML 6Page - IK Semicon Co., Ltd

IW4015B Product details

Dual 4-Stage Static Shift Register

The IW4015B consists of two identical, independent, 4-stage serialinput/parallel-output registers. Each register has independent CLOCK and RESET inputs as well as a single serial DATA input. “Q” outputs are available from each of the four stages on both registers. All register stages are D-type, master-slave flip-flops. The logic level present at the DATA input is transferred into the first register stage and shifted over one stage at each positive-going clock transition. Resetting of all stages is accomplished by a high level on the reset line. Register expansion to 8 stages using one IW4015B package, or to more than 8 stages using additional IW4015B’s is possible.

• Operating Voltage Range: 3.0 to 18 V
• Maximum input current of 1 μA at 18 V over full package-temperature range; 100 nA at 18 V and 25°C
• Noise margin (over full package temperature range):
    1.0 V min @ 5.0 V supply
    2.0 V min @ 10.0 V supply
    2.5 V min @ 15.0 V supply




Similar Part No. - IW4015B

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IW4015B INTEGRAL-IW4015B Datasheet
181Kb / 5P
   Dual 4-Stage Static Shift Register High-Voltage Silicon-Gate CMOS
IW4015BD INTEGRAL-IW4015BD Datasheet
181Kb / 5P
   Dual 4-Stage Static Shift Register High-Voltage Silicon-Gate CMOS
IW4015BN INTEGRAL-IW4015BN Datasheet
181Kb / 5P
   Dual 4-Stage Static Shift Register High-Voltage Silicon-Gate CMOS
More results


Similar Description - IW4015B

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IW4019B IKSEMICON-IW4019B Datasheet
180Kb / 5P
   Operating Voltage Range
IW4017B IKSEMICON-IW4017B Datasheet
222Kb / 7P
   Operating Voltage Range
IW4013B IKSEMICON-IW4013B Datasheet
184Kb / 6P
   Operating Voltage Range
IN74HCT02A IKSEMICON-IN74HCT02A Datasheet
185Kb / 5P
   Operating Voltage Range
IW4001B IKSEMICON-IW4001B Datasheet
153Kb / 5P
   Operating Voltage Range
IW4006B IKSEMICON-IW4006B Datasheet
269Kb / 7P
   Operating Voltage Range
logo
Allegro MicroSystems
ATS468 ALLEGRO-ATS468 Datasheet
847Kb / 15P
   Wide operating voltage range
logo
New Japan Radio
NJM41030 NJRC-NJM41030 Datasheet
69Kb / 4P
   Operating Voltage Operating temperature range Small Package
logo
Unisonic Technologies
UAS16V UTC-UAS16V Datasheet
85Kb / 4P
   WIDE OPERATING VOLTAGE RANGE REGULATOR
logo
Maxim Integrated Produc...
MAX14588EVKIT MAXIM-MAX14588EVKIT Datasheet
466Kb / 8P
   4.5V to 36V Operating Voltage Range
Rev 0; 5/13
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com