Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAT2IDEADP Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # SAT2IDEADP
Description  SATA to 2.5in or 3.5in IDE Hard Drive Adapter for HDD Docks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

SAT2IDEADP Datasheet(HTML) 1 Page - StarTech.com Ltd.

  SAT2IDEADP Datasheet HTML 1Page - StarTech.com Ltd. SAT2IDEADP Datasheet HTML 2Page - StarTech.com Ltd. SAT2IDEADP Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SATA to 2.5in or 3.5in IDE Hard Drive Adapter for HDD Docks
StarTech ID: SAT2IDEADP
The SAT2IDEADP SATA to IDE hard drive adapter enables you to use your 2.5-inch/3.5-inch IDE-based (PATA) hard drives
in most StarTech.com SATA-based HDD docking stations and drive duplicators. The SATA-IDE adapter features all-metal
construction that ensures maximum durability, and is fully compatible with IDE hard drives up to ATA-133 (133MBps).
The unique mounting style of the SATA/IDE adapter enables it to be easily mounted to an IDE/ATA hard drive, and inserted
into a SATA hard drive dock bay, for quick and easy retrieval of data from older HDDs. The adapter can also be used to
install IDE hard drives into SATA-only desktop computers, or any other scenario that requires an IDE hard drive to be
connected through Serial ATA.
The SAT2IDEADP hard drive adapter works with most StarTech.com SATA HDD Docking Stations and Duplicators,
including:
• SATADOCK22UE
• SATDOCK2UEGB
• SATDOCK22RE
• SATDOCK22R
• SATDOCKU3S
• SATADOCKU2
• SATADOCKU2E


Similar Part No. - SAT2IDEADP

ManufacturerPart #DatasheetDescription
logo
BLOCK Transformatoren-E...
SAT200 BLOCK-SAT200 Datasheet
104Kb / 2P
Auto Transformer
02.2004
logo
StarTech.com Ltd.
SAT2M2NGFF25 STARTECH-SAT2M2NGFF25 Datasheet
201Kb / 4P
M.2 SSD to 2.5in SATA III Adapter – NGFF Solid State Drive Converter with Protective Housing
More results

Similar Description - SAT2IDEADP

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA-810A AXIOMTEK-NA-810A Datasheet
252Kb / 1P
Supports one 2.5 IDE or SATA HDD
logo
Advantech Co., Ltd.
PCM-233A ADVANTECH-PCM-233A_12 Datasheet
1Mb / 1P
SATA to IDE Module for SATA Device
logo
Tripp Lite. All Rights ...
U338000 TRIPPLITE-U338000 Datasheet
509Kb / 2P
USB 3.0 SuperSpeed to Serial ATA (SATA) and IDE Adapter for 2.5in or 3.5in Hard Drives
U338000SATA TRIPPLITE-U338000SATA Datasheet
510Kb / 2P
USB 3.0 SuperSpeed to SATA III Adapter for 2.5in or 3.5in SatA Hard Drives
U339000 TRIPPLITE-U339000 Datasheet
504Kb / 2P
USB 3.0 SuperSpeed to SATA External Hard Drive Docking Station for 2.5in or 3.5in HDD
U339002 TRIPPLITE-U339002 Datasheet
531Kb / 2P
USB 3.0 SuperSpeed to Dual SATA External Hard Drive Docking Station with Cloning for 2.5in-3.5in HDD
U2380001 TRIPPLITE-U2380001 Datasheet
514Kb / 2P
USB 2.0 Hi-Speed to Serial atA (SatA) and IDE Adapter for 2.5in or 3.5in Hard Drives
P936000 TRIPPLITE-P936000 Datasheet
494Kb / 2P
40 Pin F IDE to Serial ATA (SATA) Drive Adapter Converter
P936-000 TRIPPLITE-P936-000 Datasheet
160Kb / 2P
40 Pin F IDE to Serial ATA (SATA) Drive Adapter Converter
logo
Coolgear Inc.
SS-128ASD COOLGEAR-SS-128ASD Datasheet
4Mb / 2P
USB 3.0 to SATA or PATA Hard Drive Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com