Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAT2M2NGFF25 Datasheet (PDF) - StarTech.com Ltd.

SAT2M2NGFF25 Datasheet PDF - StarTech.com Ltd.
Part # SAT2M2NGFF25
Download  SAT2M2NGFF25 Download
File Size   201.39 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description M.2 SSD to 2.5in SATA III Adapter – NGFF Solid State Drive Converter with Protective Housing

SAT2M2NGFF25 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAT2M2NGFF25 Datasheet PDF - StarTech.com Ltd.

Part # SAT2M2NGFF25
Download  SAT2M2NGFF25 Click to download

File Size   201.39 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description M.2 SSD to 2.5in SATA III Adapter – NGFF Solid State Drive Converter with Protective Housing

SAT2M2NGFF25 Datasheet (HTML) - StarTech.com Ltd.


SAT2M2NGFF25 Product details

Applications
Access M.2 drives from an external source, such as a SATA drive enclosure or docking station
Retrieve/backup data from an M.2 (NGFF) drive with a standard SATA computer
Turn an unused M.2 drive into a regular 2.5in SATA solid state drive
Use an M.2 in any 2.5in SATA application

Features
Protect your M.2 (NGFF) SSD in any 2.5in application with enclosed housing
Add M.2 SSD performance to any computer system by converting M.2 to SATA
Broad compatibility with support for the most common SATA M.2 SSDs (2242, 2260, 2280)
Support for SATA revision I/II/III (1.5/3.0/6.0 Gbps)
Supports 9.5mm or larger 2.5in SATA form factor housing




Similar Part No. - SAT2M2NGFF25

ManufacturerPart #DatasheetDescription
logo
BLOCK Transformatoren-E...
SAT200 BLOCK-SAT200 Datasheet
104Kb / 2P
Auto Transformer
02.2004
logo
StarTech.com Ltd.
SAT2IDEADP STARTECH-SAT2IDEADP Datasheet
94Kb / 3P
SATA to 2.5in or 3.5in IDE Hard Drive Adapter for HDD Docks
More results


Similar Description - SAT2M2NGFF25

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U338000SATA TRIPPLITE-U338000SATA Datasheet
510Kb / 2P
USB 3.0 SuperSpeed to SATA III Adapter for 2.5in or 3.5in SatA Hard Drives
logo
Advantech Co., Ltd.
SQF-SM8910S ADVANTECH-SQF-SM8910S Datasheet
707Kb / 1P
SATA III (6.0Gb) M.2 2280 SSD
logo
Tripp Lite. All Rights ...
P960-001-M2 TRIPPLITE-P960-001-M2 Datasheet
174Kb / 2P
M.2 NGFF SATA SSD (B-Key) to 2.5 in. SATA Enclosure Adapter
P960-001-M2-NE TRIPPLITE-P960-001-M2-NE Datasheet
176Kb / 2P
M.2 NGFF SSD (B-Key) to 2.5 in. SATA Open-Frame Housing Adapter
logo
Transcend Information. ...
MTS400S TRANSCEND-MTS400S Datasheet
780Kb / 3P
SATA III M.2 Solid State Drive
logo
Apacer Technology Inc.
PV130-M242 APACER-PV130-M242 Datasheet
1Mb / 5P
modularized Solid State Drive (SSD)
logo
Advantech Co., Ltd.
SQF-S4B-650 ADVANTECH-SQF-S4B-650 Datasheet
424Kb / 1P
SATA III (6.0Gb) M.2 2242 SSD
1-Aug-2022
SQF-S8B-650 ADVANTECH-SQF-S8B-650 Datasheet
385Kb / 1P
SATA III (6.0Gb) M.2 2280 SSD
31-May-2022
SQF-SM8-830 ADVANTECH-SQF-SM8-830 Datasheet
675Kb / 1P
SATA III (6.0Gb) M.2 2280 SSD
21-Jun-2017
SQF-SM8-910S ADVANTECH-SQF-SM8-910S Datasheet
688Kb / 1P
SATA III (6.0Gb) M.2 2280 SSD
25-Nov-2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com