Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAT2IDEADP Datasheet (PDF) - StarTech.com Ltd.

SAT2IDEADP Datasheet PDF - StarTech.com Ltd.
Part # SAT2IDEADP
Download  SAT2IDEADP Download
File Size   94.65 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description SATA to 2.5in or 3.5in IDE Hard Drive Adapter for HDD Docks

SAT2IDEADP Datasheet (PDF)

Go To PDF Page Download Datasheet
SAT2IDEADP Datasheet PDF - StarTech.com Ltd.

Part # SAT2IDEADP
Download  SAT2IDEADP Click to download

File Size   94.65 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description SATA to 2.5in or 3.5in IDE Hard Drive Adapter for HDD Docks

SAT2IDEADP Datasheet (HTML) - StarTech.com Ltd.


SAT2IDEADP Product details

Features
• Supports 40-pin (3.5in) and 44-pin (2.5in) IDE hard drives
• Durable, metal construction
• Compatible with most 3.5in StarTech.com SATA hard drive docking stations and duplicators
• Large capacity hard drive support, with 48-bit LBA
• Compliant with SATA revision 1.0
• Compatible with PATA (IDE) 66/100/133 MBps hard drives
• Mounting holes for both 2.5in and 3.5in form factor IDE hard drives




Similar Part No. - SAT2IDEADP

ManufacturerPart #DatasheetDescription
logo
BLOCK Transformatoren-E...
SAT200 BLOCK-SAT200 Datasheet
104Kb / 2P
Auto Transformer
02.2004
logo
StarTech.com Ltd.
SAT2M2NGFF25 STARTECH-SAT2M2NGFF25 Datasheet
201Kb / 4P
M.2 SSD to 2.5in SATA III Adapter – NGFF Solid State Drive Converter with Protective Housing
More results


Similar Description - SAT2IDEADP

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA-810A AXIOMTEK-NA-810A Datasheet
252Kb / 1P
Supports one 2.5 IDE or SATA HDD
logo
Advantech Co., Ltd.
PCM-233A ADVANTECH-PCM-233A_12 Datasheet
1Mb / 1P
SATA to IDE Module for SATA Device
logo
Tripp Lite. All Rights ...
U338000 TRIPPLITE-U338000 Datasheet
509Kb / 2P
USB 3.0 SuperSpeed to Serial ATA (SATA) and IDE Adapter for 2.5in or 3.5in Hard Drives
U338000SATA TRIPPLITE-U338000SATA Datasheet
510Kb / 2P
USB 3.0 SuperSpeed to SATA III Adapter for 2.5in or 3.5in SatA Hard Drives
U339000 TRIPPLITE-U339000 Datasheet
504Kb / 2P
USB 3.0 SuperSpeed to SATA External Hard Drive Docking Station for 2.5in or 3.5in HDD
U339002 TRIPPLITE-U339002 Datasheet
531Kb / 2P
USB 3.0 SuperSpeed to Dual SATA External Hard Drive Docking Station with Cloning for 2.5in-3.5in HDD
U2380001 TRIPPLITE-U2380001 Datasheet
514Kb / 2P
USB 2.0 Hi-Speed to Serial atA (SatA) and IDE Adapter for 2.5in or 3.5in Hard Drives
P936000 TRIPPLITE-P936000 Datasheet
494Kb / 2P
40 Pin F IDE to Serial ATA (SATA) Drive Adapter Converter
P936-000 TRIPPLITE-P936-000 Datasheet
160Kb / 2P
40 Pin F IDE to Serial ATA (SATA) Drive Adapter Converter
logo
Coolgear Inc.
SS-128ASD COOLGEAR-SS-128ASD Datasheet
4Mb / 2P
USB 3.0 to SATA or PATA Hard Drive Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com