Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAT2IDEADP Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # SAT2IDEADP
Description  SATA to 2.5in or 3.5in IDE Hard Drive Adapter for HDD Docks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

SAT2IDEADP Datasheet(HTML) 2 Page - StarTech.com Ltd.

  SAT2IDEADP Datasheet HTML 1Page - StarTech.com Ltd. SAT2IDEADP Datasheet HTML 2Page - StarTech.com Ltd. SAT2IDEADP Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• SATDOCK4U2E
• SATDOCK4U3E
• SATDOCKCRH
• SATDOCKU2EGB
• SATDOCKU2GB
Backed by 2-year warranty and free, lifetime technical support.
Applications and Solutions
• Use old IDE/PATA hard drives in a SATA hard drive docking station
• Install an IDE/PATA hard drive into a computer with only SATA ports
• Easily recover data from a 2.5in (laptop) IDE hard drive, by connecting it to a SATA-enabled computer or docking station
• Technicians who are required to work with a wide variety of old and new technologies



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com