Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAT2IDEADP Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # SAT2IDEADP
Description  SATA to 2.5in or 3.5in IDE Hard Drive Adapter for HDD Docks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

SAT2IDEADP Datasheet(HTML) 3 Page - StarTech.com Ltd.

  SAT2IDEADP Datasheet HTML 1Page - StarTech.com Ltd. SAT2IDEADP Datasheet HTML 2Page - StarTech.com Ltd. SAT2IDEADP Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Features
• Supports 40-pin (3.5in) and 44-pin (2.5in) IDE hard drives
• Durable, metal construction
• Compatible with most 3.5in StarTech.com SATA hard drive docking stations and duplicators
• Large capacity hard drive support, with 48-bit LBA
• Compliant with SATA revision 1.0
• Compatible with PATA (IDE) 66/100/133 MBps hard drives
• Mounting holes for both 2.5in and 3.5in form factor IDE hard drives
Technical Specifications
• Warranty: 2 Years
• Chipset ID: JMicron JM20330
• Product Height: 1.02 in [26 mm]
• Humidity: 8% ~ 90% RH
• LBA support: 48-bit
• Product Length: 3.98 in [101 mm]
• Operating Temperature: 5°C to 80°C (41°F to 176°F)
• OS Compatibility: OS independent; No software or drivers required
• Carton Quantity: 20
• Storage Temperature: -40°C to 70°C (-40°F to 158°F)
• Shipping (Package) Weight: 8.12 oz [230.02 g]
• Product Weight: 3.67 oz [104 g]
• Product Width: 3.07 in [78 mm]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com