Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N6LPATCH2MGR Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # N6LPATCH2MGR
Description  2m CAT6 Ethernet Cable - LSZH (Low Smoke Zero Halogen) - 10 Gigabit 650MHz 100W PoE RJ45 10GbE UTP Network Patch Cord Snagless with Strain Relief - Grey, CAT 6, ETL Verified, 24AWG
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

N6LPATCH2MGR Datasheet(HTML) 2 Page - StarTech.com Ltd.

  N6LPATCH2MGR Datasheet HTML 1Page - StarTech.com Ltd. N6LPATCH2MGR Datasheet HTML 2Page - StarTech.com Ltd. N6LPATCH2MGR Datasheet HTML 3Page - StarTech.com Ltd. N6LPATCH2MGR Datasheet HTML 4Page - StarTech.com Ltd. N6LPATCH2MGR Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
• Error-free Multi Gigabit support - 1Gbps, 2.5Gbps, 5Gbps and 10Gbps (up to 55m), 10GBase-T
• 650MHz support for increased bandwidth
• 100% Copper Cable, Ideal for Powering Your Devices Over EthernetMade with 100% bare copper wire,
StarTech.com cables are fully compliant with, unlike other cables that use copper clad aluminum (CCA) wire.<ul
style="margin-left: 40px;">
• Tested up to 100W continuous power throughput.
• Complies with IEEE 802.3bt Type 4 standard.
• Excellent heat dissipation over prolonged use.Supports high power PoE for Laptops, IP TVs, Security Cameras,
VoIP phones, NAS devices, etc.
• Quality Construction<ul style="margin-left:40px">
• 50-micron gold platted connectors
• Snagless boot
• 40 mm (1.57") bend radius for strong molded strain relief and improved flexibilityThe Snagless design protects the
RJ45 clip and ensures the cables are easily pulled through constrained spaces such as conduits or raceways and
prevents the cable from getting caught/damaged during installation.
Engineered for Professional Applications
• Detailed Spec Drawings AvailableStarTech.com makes it easy for you to integrate the CAT6 cable into your network
by providing detailed technical specifications and engineering drawings.
• Hassle-free Installation with Reliable Performance and Flexibility<ul style="margin-left:40px">
• 6.0 mm (0.23") OD, Flexible PVC-Free jacket with 100 mm (3.93") bend radius
• Flexible HD-PE insulation for reduced Intra-pair Crosstalk
• Spline separator for reduced Inter-pair Crosstalk and improved heat dissipation for 100W PoE
• 24AWG (0.25mm2), 100% copper, stranded wire twisted pairs
• U/UTP cable construction
• Electrical Characteristics<ul style="margin-left:40px">
• ETL Verified for maximum performance
• Cable Impedance: 100 ohms 15% at 250 MHz
• Max. DC Resistance: 14 ohms per 1000 ft (305 m)
• Pair to GND Capacitance: 330 pF per 328 ft (100 m)
• Mutual Capacitance: 5.6 nF per 1000 ft (305 m)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com