Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N6LPATCH2MGR Datasheet(PDF) 5 Page - StarTech.com Ltd.

Part # N6LPATCH2MGR
Description  2m CAT6 Ethernet Cable - LSZH (Low Smoke Zero Halogen) - 10 Gigabit 650MHz 100W PoE RJ45 10GbE UTP Network Patch Cord Snagless with Strain Relief - Grey, CAT 6, ETL Verified, 24AWG
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

N6LPATCH2MGR Datasheet(HTML) 5 Page - StarTech.com Ltd.

  N6LPATCH2MGR Datasheet HTML 1Page - StarTech.com Ltd. N6LPATCH2MGR Datasheet HTML 2Page - StarTech.com Ltd. N6LPATCH2MGR Datasheet HTML 3Page - StarTech.com Ltd. N6LPATCH2MGR Datasheet HTML 4Page - StarTech.com Ltd. N6LPATCH2MGR Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Package Height
0.6 in [1.5 cm]
Shipping (Package)
Weight
3.2 oz [92.0 g]
What's in the Box
Included in Package
1 - CAT6 Cable
*Product appearance and specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com