Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N6LPATCH2MGR Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # N6LPATCH2MGR
Description  2m CAT6 Ethernet Cable - LSZH (Low Smoke Zero Halogen) - 10 Gigabit 650MHz 100W PoE RJ45 10GbE UTP Network Patch Cord Snagless with Strain Relief - Grey, CAT 6, ETL Verified, 24AWG
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

N6LPATCH2MGR Datasheet(HTML) 1 Page - StarTech.com Ltd.

  N6LPATCH2MGR Datasheet HTML 1Page - StarTech.com Ltd. N6LPATCH2MGR Datasheet HTML 2Page - StarTech.com Ltd. N6LPATCH2MGR Datasheet HTML 3Page - StarTech.com Ltd. N6LPATCH2MGR Datasheet HTML 4Page - StarTech.com Ltd. N6LPATCH2MGR Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2m CAT6 Ethernet Cable - LSZH (Low Smoke Zero Halogen) - 10 Gigabit 650MHz 100W PoE RJ45
10GbE UTP Network Patch Cord Snagless with Strain Relief - Grey, CAT 6, ETL Verified, 24AWG
Product ID: N6LPATCH2MGR
StarTech.com Advantage
StarTech.com products are designed for IT Professionals to meet their technical standards. Product quality,
compatibility and reliability are ensured by our in-house and third-party labs and certifications by leading technology
companies.
StarTech.com's line of CAT6 cables use 100% copper and gold-plated pins. All of our Category 6 cable products
undergo rigorous physical and electrical tests, including the repetitive bend cycle test. Each cable is individually
tested (Fluke patch cord test) to measure worst case NEXT and RL. Beyond our own testing, we work with leading
external test labs such as ETL, to obtain product performance and safety certifications.
Backed by a risk-free StarTech.com lifetime warranty and 24 hour, five day-a-week, support from qualified Technical
Advisors, our brand is trusted throughout the IT ecosystem and used by over 80% of Fortune 500 companies.
Product Overview
Low Smoke Zero Halogen (LSZH) Category 6 Snagless Network Patch Cable supports error-free Multi Gigabit
connections: 1Gbps, 2.5Gbps, 5Gbps and 10Gbps (up to 160ft/55m). This PVC free high-performance cable offers
reliable connectivity to all networking devices, such as Network Interface Cards (NIC), servers, routers, network
attached storage (NAS), VoIP phones, PoE devices, etc.
This Eco-friendly LSZH CAT6 cable produces lower levels of toxic corrosive fumes and white smoke in the event of a
fire, which offers higher visibility, allowing for a safer and faster evacuation.
StarTech.com offers the widest selection of lengths and colors, to keep your business network and workstations
connected and organized.
High Performance CAT6 Ethernet Cable
• Reliably Connect Your Ethernet Devices<ul style="margin-left:40px">


Similar Part No. - N6LPATCH2MGR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N6LG ONSEMI-N6LG Datasheet
272Kb / 9P
MOSFET - Power, N-Channel, Logic Level, DPAK/IPAK 20 A, 60 V
May, 2019 - Rev. 5
More results

Similar Description - N6LPATCH2MGR

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N201L-01M-BL TRIPPLITE-N201L-01M-BL Datasheet
49Kb / 3P
Cat6 Gigabit Snagless Molded UTP Ethernet Cable (RJ45 M/M), PoE, LSZH, Blue, 1 m (3.3 ft.)
N201L-02M-BL TRIPPLITE-N201L-02M-BL Datasheet
50Kb / 3P
Cat6 Gigabit Snagless Molded UTP Ethernet Cable (RJ45 M/M), PoE, LSZH, Blue, 2 m (6.6 ft.)
N201L-03M-BL TRIPPLITE-N201L-03M-BL Datasheet
50Kb / 3P
Cat6 Gigabit Snagless Molded UTP Ethernet Cable (RJ45 M/M), PoE, LSZH, Blue, 3 m (9.8 ft.)
N201L-04M-BL TRIPPLITE-N201L-04M-BL Datasheet
50Kb / 3P
Cat6 Gigabit Snagless Molded UTP Ethernet Cable (RJ45 M/M), PoE, LSZH, Blue, 4 m (13.1 ft.)
N201L-05M-BL TRIPPLITE-N201L-05M-BL Datasheet
51Kb / 3P
Cat6 Gigabit Snagless Molded UTP Ethernet Cable (RJ45 M/M), PoE, LSZH, Blue, 5 m (16.4 ft.)
N201L-0P5M-BL TRIPPLITE-N201L-0P5M-BL Datasheet
51Kb / 3P
Cat6 Gigabit Snagless Molded UTP Ethernet Cable (RJ45 M/M), PoE, LSZH, Blue, 0.5 m (1.6 ft.)
N201L-10M-BL TRIPPLITE-N201L-10M-BL Datasheet
52Kb / 3P
Cat6 Gigabit Snagless Molded UTP Ethernet Cable (RJ45 M/M), PoE, LSZH, Blue, 10 m (32.8ft.)
N201L-1P5M-BL TRIPPLITE-N201L-1P5M-BL Datasheet
50Kb / 3P
Cat6 Gigabit Snagless Molded UTP Ethernet Cable (RJ45 M/M), PoE, LSZH, Blue, 1.5 m (4.9 ft.)
N201L-2P5M-BL TRIPPLITE-N201L-2P5M-BL Datasheet
50Kb / 3P
Cat6 Gigabit Snagless Molded UTP Ethernet Cable (RJ45 M/M), PoE, LSZH, Blue, 2.5 m (8.2 ft.)
N201L-3P5M-BL TRIPPLITE-N201L-3P5M-BL Datasheet
50Kb / 3P
Cat6 Gigabit Snagless Molded UTP Ethernet Cable (RJ45 M/M), PoE, LSZH, Blue, 3.5 m (11.5 ft.)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com