Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N6LPATCH2MGR Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # N6LPATCH2MGR
Description  2m CAT6 Ethernet Cable - LSZH (Low Smoke Zero Halogen) - 10 Gigabit 650MHz 100W PoE RJ45 10GbE UTP Network Patch Cord Snagless with Strain Relief - Grey, CAT 6, ETL Verified, 24AWG
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

N6LPATCH2MGR Datasheet(HTML) 4 Page - StarTech.com Ltd.

  N6LPATCH2MGR Datasheet HTML 1Page - StarTech.com Ltd. N6LPATCH2MGR Datasheet HTML 2Page - StarTech.com Ltd. N6LPATCH2MGR Datasheet HTML 3Page - StarTech.com Ltd. N6LPATCH2MGR Datasheet HTML 4Page - StarTech.com Ltd. N6LPATCH2MGR Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Cable Type
Snagless
Wiring Standard
TIA/EIA-568-B.1-2001 T568B
Performance
Cable Rating
CAT6 - 650 MHz
Maximum Cable Length
6.6 ft [2 m]
Connector(s)
Connector A
1 - RJ-45
Connector B
1 - RJ-45
Environmental
Operating Temperature
0C to 80C (32F to 176F)
Storage Temperature
0C to 80C (32F to 176F)
Humidity
0%RH ~ 95%RH
Physical
Characteristics
Color
Gray
Wire Gauge
24 AWG
Cable Length
6.6 ft [2 m]
Cable OD
0.2 in [6 mm]
Product Length
6.6 ft [2.0 m]
Product Width
0.5 in [1.2 cm]
Product Height
0.3 in [7.8 mm]
Weight of Product
2.9 oz [82.0 g]
Packaging
Information
Package Quantity
1
Package Length
8.7 in [22.0 cm]
Package Width
7.9 in [20.0 cm]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com