Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N6LPATCH2MGR Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # N6LPATCH2MGR
Description  2m CAT6 Ethernet Cable - LSZH (Low Smoke Zero Halogen) - 10 Gigabit 650MHz 100W PoE RJ45 10GbE UTP Network Patch Cord Snagless with Strain Relief - Grey, CAT 6, ETL Verified, 24AWG
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

N6LPATCH2MGR Datasheet(HTML) 3 Page - StarTech.com Ltd.

  N6LPATCH2MGR Datasheet HTML 1Page - StarTech.com Ltd. N6LPATCH2MGR Datasheet HTML 2Page - StarTech.com Ltd. N6LPATCH2MGR Datasheet HTML 3Page - StarTech.com Ltd. N6LPATCH2MGR Datasheet HTML 4Page - StarTech.com Ltd. N6LPATCH2MGR Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
• Propagation Delay Skew: 45 ns per 328 ft (100 m)
Lab Tested and Third Party Certified for Product Performance and Safety
• ETL Verified
• 3P Verified to ANSI/TIA-568-2.D Category 6
• Fluke Tested CAT6 Patch Cord
Certifications, Reports and Compatibility
Applications
Features
• HIGH PERFORMANCE LSZH CAT6 ETHERNET CABLE: 100% copper, Ethernet cable for error-free Multi
Gigabit/Multi-speed 1/2.5/5Gbps connections; 10Gbps up to 55m; Low NEXT and RL; Complies with
ANSI/TIA-568-2.D Category 6 requirements
• LSZH CABLE WITH 100W PoE: Low Smoke Zero Halogen Ethernet patch cord with 24 AWG cable, stranded
copper conductors supports various PoE devices up to 100W PoE++; Complies with IEEE 802.3bt type 4; Supports
Cat5e & earlier standards
• ETL VERIFIED PURE COPPER CABLE: This ETL Verified and individually tested 2m snagless LAN cable with
100% copper Ethernet wire delivers error-free data & safe PoE power, unlike the lower quality copper-clad aluminium
versions from other brands
• ECO-FRIENDLY AND QUALITY CONSTRUCTION: Eco-friendly (PVC free) LSZH cable produces lower levels of
smoke & toxic (acidic) fumes in case of fire; EVA co-polymer jacket resists bending or fraying damage; 50-micron
gold-plated pins improve signal integrity
• SPECS: Length: 2m (6.6ft) Cat 6 Network Cable Color: Grey 650MHz Rated Structure: 4 Pair U/UTP RJ45
Connectors Jacket: EVA, Al(OH)3 Fire Rating: LSZH 24 AWG Copper Wiring: ANSI/TIA-568-B ETL Verified
Warranty: Lifetime
Hardware
Warranty
Lifetime
Number of Conductors
4 pair U/UTP
Cable Jacket Material
Low Smoke Zero Halogen



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com