Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP2VGA2 Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # DP2VGA2
Description  DisplayPort to VGA Adapter - Active DP to VGA Converter - 1080p Video - DisplayPort Certified -
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DP2VGA2 Datasheet(HTML) 1 Page - StarTech.com Ltd.

  DP2VGA2 Datasheet HTML 1Page - StarTech.com Ltd. DP2VGA2 Datasheet HTML 2Page - StarTech.com Ltd. DP2VGA2 Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DisplayPort to VGA Adapter - Active DP to VGA Converter - 1080p Video - DisplayPort Certified -
DP/DP++ Source to VGA Monitor Cable Adapter Dongle - Latching DP Connector
Product ID: DP2VGA2
This DisplayPort to VGA adapter lets you connect your DP computer to a VGA monitor or projector. The adapter
works with DisplayPort computers like your HP Elitebook Revolve 810 G3.
The DP to VGA adapter lets you connect your DisplayPort laptop or desktop computer to a VGA display. The adapter
supports plug-and-play connectivity ensuring a hassle-free setup.
The DisplayPort adapter makes your DP computer fully compatible with existing VGA monitors or projectors in your
home or around your office. The VGA connector features nuts that mate with the screws on standard VGA cables, to
ensure your video cable won’t get disconnected.
The DisplayPort to VGA converter maximizes portability with a compact, lightweight design, making it the perfect
travel accessory to carry with your DisplayPort laptop, fitting easily into your laptop bag or carrying case. This
ultra-portable design makes this adapter perfect for BYOD (Bring Your Own Device) applications at the office.
With support for video resolutions up to 1920x1200 or 1080p, you’ll be surprised at the picture quality the adapter
provides, even when connected to a legacy VGA monitor, projector or television. The adapter harnesses the video
capabilities built into your DP connection to deliver every detail in stunning high-definition.
The DP2VGA2 is backed by a 3-year StarTech.com warranty and free lifetime technical support.
Certifications, Reports and Compatibility
Applications
• Keep the adapter with you while you’re traveling, to connect to VGA displays at trade shows or in hotel rooms
• Connect your BOYD laptop to a VGA office hot desk or boardroom projector


Similar Part No. - DP2VGA2

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DP2VGAHD20 STARTECH-DP2VGAHD20 Datasheet
147Kb / 5P
DisplayPort to HDMI VGA Adapter - 4K 60Hz
More results

Similar Description - DP2VGA2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P134000VGAV2 TRIPPLITE-P134000VGAV2 Datasheet
519Kb / 2P
DisplayPort 1.2 to VGA Compact Adapter Converter (DP-Male to VGA-Female)
P13706NVGAV2 TRIPPLITE-P13706NVGAV2 Datasheet
492Kb / 2P
Mini DisplayPort 1.2 to VGA Adapter Converter (Mini-DP Male to VGA Female), 6-in
P134-000-VGA-V2 TRIPPLITE-P134-000-VGA-V2 Datasheet
172Kb / 2P
DisplayPort 1.2 to VGA Active Compact Adapter (DP-Male to VGA-Female)
P134-000VGAV2BP TRIPPLITE-P134-000VGAV2BP Datasheet
176Kb / 3P
DisplayPort 1.2 to VGA Active Compact Adapter, DisplayPort to HD15 (M/F), 1080p, 50 Pack
P134-06N-VGA TRIPPLITE-P134-06N-VGA Datasheet
158Kb / 2P
DisplayPort to VGA Active Cable Adapter, 1920x1200/1080p (M/F), 6-in.
P134-06N-VGA-V2 TRIPPLITE-P134-06N-VGA-V2 Datasheet
176Kb / 3P
DisplayPort 1.2 to VGA Active Converter, DisplayPort to HD15 (M/F), 1920 x 1200/1080p, 6 in.
logo
IOGEAR
GDPVGAW6 IOGEAR-GDPVGAW6 Datasheet
132Kb / 2P
DisplayPort to VGA Adapter Cable
GMDPVGAW6 IOGEAR-GMDPVGAW6 Datasheet
130Kb / 2P
Mini DisplayPort to VGA Adapter Cable
logo
Kinetic Technologies.
STDP3150 KINETIC-STDP3150 Datasheet
135Kb / 5P
DisplayPort to VGA Converter
April 2020 - Revision 03b
logo
Chrontel, Inc.
CH7517 CHRONTEL-CH7517 Datasheet
204Kb / 7P
CH7517 DisplayPort to VGA Converter
Rev 1.2 2020-7-14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com