Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP2VGA2 Datasheet (PDF) - StarTech.com Ltd.

DP2VGA2 Datasheet PDF - StarTech.com Ltd.
Part # DP2VGA2
Download  DP2VGA2 Download
File Size   60.09 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description DisplayPort to VGA Adapter - Active DP to VGA Converter - 1080p Video - DisplayPort Certified -

DP2VGA2 Datasheet (PDF)

Go To PDF Page Download Datasheet
DP2VGA2 Datasheet PDF - StarTech.com Ltd.

Part # DP2VGA2
Download  DP2VGA2 Click to download

File Size   60.09 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description DisplayPort to VGA Adapter - Active DP to VGA Converter - 1080p Video - DisplayPort Certified -

DP2VGA2 Datasheet (HTML) - StarTech.com Ltd.


DP2VGA2 Product details

Applications
• Keep the adapter with you while you’re traveling, to connect to VGA displays at trade shows or in hotel rooms
• Connect your BOYD laptop to a VGA office hot desk or boardroom projector
• Use your VGA monitor as a secondary display
Features
• DISPLAYPORT TO VGA ADAPTER: DisplayPort 1.2 (HBR2) adapter connects a VGA display/projector supporting
2048x1280, 1920x1200 & 1080p at 60Hz; EDID & DDC pass-through ensure compatibility between source & display
9" (22.5cm) cable DisplayPort Certified
• COMPATIBILITY: Active digital to analog converter supports DP or DP++ source w/ standard DP connector incl
workstations, desktops (AMD/Nvidia), laptops, small form factor computers & docking stations
• CONNECT TO A PRIMARY OR SECONDARY DISPLAY: Connect a VGA monitor or projector, or add a second
display to your workstation using this DP to VGA display adapter; Compact design makes it easy to travel to and from
office or home
• LATCHING DISPLAYPORT & SCREW LOCKING VGA: Video adapter has latching DP connector to ensure a solid
host connection Supports VGA screw locking cable to prevent cable from coming loose or accidental disconnection
Tested w/ VGA cables up to 25ft
• EASY TO USE: With no software or drivers required, the DP to VGA adapter dongle works with any OS including
Windows, Ubuntu and macOS; DisplayPort male to VGA female




Similar Part No. - DP2VGA2

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DP2VGAHD20 STARTECH-DP2VGAHD20 Datasheet
147Kb / 5P
DisplayPort to HDMI VGA Adapter - 4K 60Hz
More results


Similar Description - DP2VGA2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P134000VGAV2 TRIPPLITE-P134000VGAV2 Datasheet
519Kb / 2P
DisplayPort 1.2 to VGA Compact Adapter Converter (DP-Male to VGA-Female)
P13706NVGAV2 TRIPPLITE-P13706NVGAV2 Datasheet
492Kb / 2P
Mini DisplayPort 1.2 to VGA Adapter Converter (Mini-DP Male to VGA Female), 6-in
P134-000-VGA-V2 TRIPPLITE-P134-000-VGA-V2 Datasheet
172Kb / 2P
DisplayPort 1.2 to VGA Active Compact Adapter (DP-Male to VGA-Female)
P134-000VGAV2BP TRIPPLITE-P134-000VGAV2BP Datasheet
176Kb / 3P
DisplayPort 1.2 to VGA Active Compact Adapter, DisplayPort to HD15 (M/F), 1080p, 50 Pack
P134-06N-VGA TRIPPLITE-P134-06N-VGA Datasheet
158Kb / 2P
DisplayPort to VGA Active Cable Adapter, 1920x1200/1080p (M/F), 6-in.
P134-06N-VGA-V2 TRIPPLITE-P134-06N-VGA-V2 Datasheet
176Kb / 3P
DisplayPort 1.2 to VGA Active Converter, DisplayPort to HD15 (M/F), 1920 x 1200/1080p, 6 in.
logo
IOGEAR
GDPVGAW6 IOGEAR-GDPVGAW6 Datasheet
132Kb / 2P
DisplayPort to VGA Adapter Cable
GMDPVGAW6 IOGEAR-GMDPVGAW6 Datasheet
130Kb / 2P
Mini DisplayPort to VGA Adapter Cable
logo
Kinetic Technologies.
STDP3150 KINETIC-STDP3150 Datasheet
135Kb / 5P
DisplayPort to VGA Converter
April 2020 - Revision 03b
logo
Chrontel, Inc.
CH7517 CHRONTEL-CH7517 Datasheet
204Kb / 7P
CH7517 DisplayPort to VGA Converter
Rev 1.2 2020-7-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com