Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP2VGAHD20 Datasheet (PDF) - StarTech.com Ltd.

DP2VGAHD20 Datasheet PDF - StarTech.com Ltd.
Part # DP2VGAHD20
Download  DP2VGAHD20 Download
File Size   147.15 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description DisplayPort to HDMI VGA Adapter - 4K 60Hz

DP2VGAHD20 Datasheet (PDF)

Go To PDF Page Download Datasheet
DP2VGAHD20 Datasheet PDF - StarTech.com Ltd.

Part # DP2VGAHD20
Download  DP2VGAHD20 Click to download

File Size   147.15 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description DisplayPort to HDMI VGA Adapter - 4K 60Hz

DP2VGAHD20 Datasheet (HTML) - StarTech.com Ltd.


DP2VGAHD20 Product details

Applications
• Connect to virtually any HDMI and VGA display while traveling or in
the office
• Output video to a secondary HDMI or VGA monitor
• Stream, view and edit 4K video on your HDMI display

Features
• Maximize your laptop’s video compatibility with a 2-in-1 adapter:
DisplayPort™ to HDMI® or VGA
• Astonishing picture quality with UHD video resolutions up to 4K 60Hz
• Supports HDR for expanded contrast ratio and color accuracy
• Compact, lightweight adapter that you can easily carry in your laptop
bag




Similar Part No. - DP2VGAHD20

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DP2VGA2 STARTECH-DP2VGA2 Datasheet
60Kb / 3P
DisplayPort to VGA Adapter - Active DP to VGA Converter - 1080p Video - DisplayPort Certified -
More results


Similar Description - DP2VGAHD20

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P136000UHDV2 TRIPPLITE-P136000UHDV2 Datasheet
508Kb / 2P
DisplayPort to HDMI 4K Video Adapter, DP 1.2 to HDMI Active Audio - Video Converter
P137-06N-HV-V2W TRIPPLITE-P137-06N-HV-V2W Datasheet
488Kb / 2P
Keyspan Mini DisplayPort 1.2 to VGA/HDMI All-in-One Converter Adapter, 4K x 2K HDMI
P136-06N-HV-V2 TRIPPLITE-P136-06N-HV-V2 Datasheet
494Kb / 2P
DisplayPort 1.2 to VGA/HDMI All-in-One Converter Adapter, 4K x 2K HDMI 24 30Hz
P136-06N-HDV-4K TRIPPLITE-P136-06N-HDV-4K Datasheet
166Kb / 2P
DisplayPort 1.2 to VGA/DVI/HDMI All-in-One Converter Adapter, 4K x 2K HDMI @ 24/30 Hz
P136-06N-HDV4K6 TRIPPLITE-P136-06N-HDV4K6 Datasheet
168Kb / 3P
DisplayPort 1.2 to VGA/DVI/HDMI All-in-One Converter Adapter, 4K x 2K HDMI @ 60 Hz
P136-06N-HVV2BP TRIPPLITE-P136-06N-HVV2BP Datasheet
164Kb / 3P
DisplayPort 1.2 to VGA/HDMI All-in-One Converter Adapter, 4K x 2K HDMI @ 24/30 Hz, 50 Pack
P583-010 TRIPPLITE-P583-010 Datasheet
154Kb / 2P
Mini DisplayPort to DisplayPort 4K @60Hz Adapter, DisplayPort 1.2, mDP to DP Cable (M/M), 10 ft.
P583-010-BK TRIPPLITE-P583-010-BK Datasheet
172Kb / 3P
Mini DisplayPort to DisplayPort 4K @60Hz Adapter Cable (M/M), 4096 x 2160 (4K x 2K), Black, 10 ft.
logo
IOGEAR
GDPVGAW6 IOGEAR-GDPVGAW6 Datasheet
132Kb / 2P
DisplayPort to VGA Adapter Cable
GMDPHD4KA IOGEAR-GMDPHD4KA Datasheet
151Kb / 3P
Active Mini DisplayPort to HDMI Adapter with 4K Support
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com