Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP2VGAHD20 Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # DP2VGAHD20
Description  DisplayPort to HDMI VGA Adapter - 4K 60Hz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DP2VGAHD20 Datasheet(HTML) 4 Page - StarTech.com Ltd.

  DP2VGAHD20 Datasheet HTML 1Page - StarTech.com Ltd. DP2VGAHD20 Datasheet HTML 2Page - StarTech.com Ltd. DP2VGAHD20 Datasheet HTML 3Page - StarTech.com Ltd. DP2VGAHD20 Datasheet HTML 4Page - StarTech.com Ltd. DP2VGAHD20 Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Warranty
3 Years
Hardware
Active or Passive Adapter
Active
Passive
Audio
Yes
AV Input
DisplayPort - 1.2
AV Output
HDMI
VGA
Chipset ID
ITE Tech - IT6564
Performance
Audio Specifications
DisplayPort - 7.1 Channel Audio
VGA: No Audio Support
Supported Resolutions
DisplayPort: 3840x2160 (4K) / 60Hz
VGA: 1920x1080 / 60Hz
Video Revision
HDMI 2.0
Wide Screen Supported
Yes
Connector(s)
Connector A
1 - DisplayPort (20 pin) Male
Connector B
1 - HDMI (19 pin) Female
1 - VGA (15 pin, High Density D-Sub) Female
Special Notes /
Requirements
Note
To achieve HDR, your DisplayPort port must support
DisplayPort 1.4 and your display must support HDMI 2.0b
Environmental
Humidity
10~85% RH
Operating Temperature
0°C to 60°C (32°F to 140°F)
Storage Temperature
-10°C to 70°C (14°F to 158°F)
Physical
Characteristics
Color
Black
Material
Plastic
Product Height
15.000
Product Length
9.1 in [23.2 cm]
Product Width
60.000
Weight of Product
39.000
Packaging
Information
Package Height
20.000
Package Length
177.000
Package Width
80.000
Shipping (Package) Weight
59.000
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com