Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP2VGA2 Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # DP2VGA2
Description  DisplayPort to VGA Adapter - Active DP to VGA Converter - 1080p Video - DisplayPort Certified -
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DP2VGA2 Datasheet(HTML) 2 Page - StarTech.com Ltd.

  DP2VGA2 Datasheet HTML 1Page - StarTech.com Ltd. DP2VGA2 Datasheet HTML 2Page - StarTech.com Ltd. DP2VGA2 Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• Use your VGA monitor as a secondary display
Features
• DISPLAYPORT TO VGA ADAPTER: DisplayPort 1.2 (HBR2) adapter connects a VGA display/projector supporting
2048x1280, 1920x1200 & 1080p at 60Hz; EDID & DDC pass-through ensure compatibility between source & display
9" (22.5cm) cable DisplayPort Certified
• COMPATIBILITY: Active digital to analog converter supports DP or DP++ source w/ standard DP connector incl
workstations, desktops (AMD/Nvidia), laptops, small form factor computers & docking stations
• CONNECT TO A PRIMARY OR SECONDARY DISPLAY: Connect a VGA monitor or projector, or add a second
display to your workstation using this DP to VGA display adapter; Compact design makes it easy to travel to and from
office or home
• LATCHING DISPLAYPORT & SCREW LOCKING VGA: Video adapter has latching DP connector to ensure a solid
host connection Supports VGA screw locking cable to prevent cable from coming loose or accidental disconnection
Tested w/ VGA cables up to 25ft
• EASY TO USE: With no software or drivers required, the DP to VGA adapter dongle works with any OS including
Windows, Ubuntu and macOS; DisplayPort male to VGA female
Hardware
Warranty
3 Years
Active or Passive Adapter
Active
AV Input
DisplayPort - 1.2
AV Output
VGA
Audio
No
Performance
Wide Screen Supported
Yes
Audio Specifications
VGA - No Audio Support
Connector(s)
Connector A
DisplayPort (20 pin)
Connector B
VGA (15 pin, High Density D-Sub)
Environmental
Operating Temperature
0C to 45C (32F to 113F)
Storage Temperature
-10C to 80C (14F to 176F)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com