Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP2VGA2 Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # DP2VGA2
Description  DisplayPort to VGA Adapter - Active DP to VGA Converter - 1080p Video - DisplayPort Certified -
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DP2VGA2 Datasheet(HTML) 3 Page - StarTech.com Ltd.

  DP2VGA2 Datasheet HTML 1Page - StarTech.com Ltd. DP2VGA2 Datasheet HTML 2Page - StarTech.com Ltd. DP2VGA2 Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Humidity
10%-85%RH
Physical
Characteristics
Color
Black
Material
Plastic
Cable Length
8.9 in [22.5 cm]
Product Length
11.0 in [27.9 cm]
Product Width
1.4 in [35.0 mm]
Product Height
0.8 in [20.0 mm]
Weight of Product
1.5 oz [43.0 g]
Packaging
Information
Package Length
8.7 in [22.0 cm]
Package Width
7.9 in [20.0 cm]
Package Height
0.8 in [21.0 mm]
Shipping (Package)
Weight
1.8 oz [52.0 g]
What's in the Box
Included in Package
DisplayPort to VGA Converter
*Product appearance and specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com