| Electronic Components Datasheet Search |
|
DPB22-R11X Datasheet(PDF) 31 Page - Hylec-APL Ltd. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
DPB22-R11X Datasheet(HTML) 31 Page - Hylec-APL Ltd. All rights reserved. |
|
31 / 35 page ![]() 60 MAKING THE RIGHT CONNECTIONS T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com 61 Cable Glands Perfect PG Nylon Cable Glands LockNuts IP54 Screw Plug Multihole Sealing Insert Accessories Part Code Colour Size IP Rating H (mm) L (mm) ØC (mm) Temp Rating Material 207 PA RAL7001 - Silver Grey Pg7 N/a 5 N/a N/a -20 to +100C PA6 GF30 209 PA RAL7001 - Silver Grey PG9 N/a 5 N/a N/a -20 to +100C PA6 GF30 211 PA RAL7001 - Silver Grey PG11 N/a 5 N/a N/a -20 to +100C PA6 GF30 213 PA RAL7001 - Silver Grey PG13 N/a 6 N/a N/a -20 to +100C PA6 GF30 216 PA RAL7001 - Silver Grey PG16 N/a 6 N/a N/a -20 to +100C PA6 GF30 221 PA RAL7001 - Silver Grey PG21 N/a 7 N/a N/a -20 to +100C PA6 GF30 229 PA RAL7001 - Silver Grey PG29 N/a 7 N/a N/a -20 to +100C PA6 GF30 236 PA RAL7001 - Silver Grey PG36 N/a 8 N/a N/a -20 to +100C PA6 GF30 242 PA RAL7001 - Silver Grey PG42 N/a 8 N/a N/a -20 to +100C PA6 GF30 248 PA RAL7001 - Silver Grey PG48 N/a 8 N/a N/a -20 to +100C PA6 GF30 207 PG RAL7035 - Light Grey Pg7 N/a 5 N/a N/a -20 to +100C PA6 GF30 209 PG RAL7035 - Light Grey PG9 N/a 5 N/a N/a -20 to +100C PA6 GF30 211 PG RAL7035 - Light Grey PG11 N/a 5 N/a N/a -20 to +100C PA6 GF30 213 PG RAL7035 - Light Grey PG13 N/a 6 N/a N/a -20 to +100C PA6 GF30 216 PG RAL7035 - Light Grey PG16 N/a 6 N/a N/a -20 to +100C PA6 GF30 221 PG RAL7035 - Light Grey PG21 N/a 7 N/a N/a -20 to +100C PA6 GF30 229 PG RAL7035 - Light Grey PG29 N/a 7 N/a N/a -20 to +100C PA6 GF30 236 PG RAL7035 - Light Grey PG36 N/a 8 N/a N/a -20 to +100C PA6 GF30 242 PG RAL7035 - Light Grey PG42 N/a 8 N/a N/a -20 to +100C PA6 GF30 248 PG RAL7035 - Light Grey PG48 N/a 8 N/a N/a -20 to +100C PA6 GF30 207 PA/SW RAL9005 - Black Pg7 N/a 5 N/a N/a -20 to +100C PA6 GF30 209 PA/SW RAL9005 - Black PG9 N/a 5 N/a N/a -20 to +100C PA6 GF30 211 PA/SW RAL9005 - Black PG11 N/a 5 N/a N/a -20 to +100C PA6 GF30 213 PA/SW RAL9005 - Black PG13 N/a 6 N/a N/a -20 to +100C PA6 GF30 216 PA/SW RAL9005 - Black PG16 N/a 6 N/a N/a -20 to +100C PA6 GF30 221 PA/SW RAL9005 - Black PG21 N/a 7 N/a N/a -20 to +100C PA6 GF30 229 PA/SW RAL9005 - Black PG29 N/a 7 N/a N/a -20 to +100C PA6 GF30 236 PA/SW RAL9005 - Black PG36 N/a 8 N/a N/a -20 to +100C PA6 GF30 242 PA/SW RAL9005 - Black PG42 N/a 8 N/a N/a -20 to +100C PA6 GF30 248 PA/SW RAL9005 - Black PG48 N/a 8 N/a N/a -20 to +100C PA6 GF30 Part Code Colour Size IP Rating H (mm) L (mm) Da (mm) Temp Rating Material 1007 PA RAL7035 - Light Grey PG7 IP54 10 6 15 -30C to +90C PA6 1009 PA RAL7035 - Light Grey PG9 IP54 10 6 19 -30C to +90C PA6 1011 PA RAL7035 - Light Grey PG11 IP54 10 6 22 -30C to +90C PA6 1013 PA RAL7035 - Light Grey PG13 IP54 10 6 25 -30C to +90C PA6 1016 PA RAL7035 - Light Grey PG16 IP54 10 6 27 -30C to +90C PA6 1021 PA RAL7035 - Light Grey PG21 IP54 12,5 8 33 -30C to +90C PA6 1029 PA RAL7035 - Light Grey PG29 IP54 13 8 44,5 -30C to +90C PA6 1036 PA RAL7035 - Light Grey PG36 IP54 15 10 55,5 -30C to +90C PA6 1042 PA RAL7035 - Light Grey PG42 IP54 15,5 10 62,5 -30C to +90C PA6 1048 PA RAL7035 - Light Grey PG48 IP54 17 12 69,5 -30C to +90C PA6 Part Code For Use With Size IP Rating H(mm) n x Di (mm) ØC (mm) Temp Rating Material WJ-D 9/3x2 Perfect series 50.0xx Pazzzz & Perfect series 50.1xx Pazzzz. Other sizes and hole configurations also available - please request details. PG9 N/a 7.5 3x2 10.6 -30C to +90C Evoprene TPE WJ-D 9/3x3.5 PG9 N/a 7.5 3x3.5 10.6 -30C to +90C Evoprene TPE WJ-D 11/2x5 PG11 N/a 8.5 2x5 13.3 -30C to +90C Evoprene TPE WJ-D 11/3x3 PG11 N/a 8.5 3x3 13.3 -30C to +90C Evoprene TPE WJ-D 11/3x4 PG11 N/a 8.5 3x4 13.3 -30C to +90C Evoprene TPE WJ-D 13/2x5 PG13.5 N/a 8.5 2x5 15.3 -30C to +90C Evoprene TPE WJ-D 13/2x6 PG13.5 N/a 8.5 2x6 15.3 -30C to +90C Evoprene TPE WJ-D 13/3x4 PG13.5 N/a 8.5 3x4 15.3 -30C to +90C Evoprene TPE WJ-D16/3x6 PG16 N/a 9 3x6 17.4 -30C to +90C Evoprene TPE WJ-D16/3x6.5 PG16 N/a 9 3x6.5 17.4 -30C to +90C Evoprene TPE WJ-D 16/3x7 PG16 N/a 9 3x7 17.4 -30C to +90C Evoprene TPE WJ-D 16/4x4 PG16 N/a 9 4x4 17.4 -30C to +90C Evoprene TPE WJ-D 21/3x7 PG21 N/a 11 3x7 22.2 -30C to +90C Evoprene TPE WJ-D 21/3x8 PG21 N/a 11 3x8 22.2 -30C to +90C Evoprene TPE WJ-D 21/4x5 PG21 N/a 11 4x5 22.2 -30C to +90C Evoprene TPE WJ-D 21/4x6.5 PG21 N/a 11 4x6.5 22.2 -30C to +90C Evoprene TPE WJ-D 29/6x5 PG29 N/a 13 6x5 29.8 -30C to +90C Evoprene TPE WJ-D 29/6x7.5 PG29 N/a 13 6x7.5 29.8 -30C to +90C Evoprene TPE Reducers Krallen Cable Gland Enlargers Other Styles Of Gland Are Avaliable Features: • Material PA6 GF30 • Temp Rating '-30C to +100C • Size Range PG9 to PG48 • RAL7035 & RAL 9005 • Two designs available Features: • Protection rating IP65 • Temp Rating -30C to +100C • Sizes Range PG7 to PG29 • Material Polyamide PA6 GF30 • Bend Protection Versions also avaliable • Ral 7035 Features: • Material PA6 GF30 • Temp Rating '-30C to +100c • Size From PG7 To pg42 • Ral7035 Conus Cable Gland Features: • Protection rating IP55 • Temp Rating Of-30 to +80C • Size range of PG7 to Pg48 • Material Polyamide PA6 GF30 • Multiple sealing ring version also avaliable • Ral7035 UNI Dicht Cable Gland Favorit Cable Gland Features: • Protection rating IP68 • Temp Rating Of -20 +100C • Size range PG9/11 to PG36 • Material Polyamide PA6 • Ral7035 Features: • Protection rating IP55 • Temp Rating Of -30C to +80C • Size Range PG 9 To PG29 • Material Polyamide PA6 GF30 • Ral7035 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |