| Electronic Components Datasheet Search |
|
DPB22-R11X Datasheet(PDF) 28 Page - Hylec-APL Ltd. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
DPB22-R11X Datasheet(HTML) 28 Page - Hylec-APL Ltd. All rights reserved. |
|
28 / 35 page ![]() 54 MAKING THE RIGHT CONNECTIONS T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com 55 Cable Glands IP68 Perfect Nickel Plated Brass Cable Gland IP68 Perfect Nickel Plated Reducing Brass Cable Gland IP68 Perfect Nickel Plated Brass Emv Cable Gland Perfect PG Nickel Plated Brass Cable Glands Features: • PG Nickel Plated Brass • Easy to install • 50.0xx range offers protection against twisting and also offers integrated anchorage • EMC Versions available Part Code IP Rating Size H (mm) L (mm) ØC (mm) Temp Rating 50.007 IP68 Pg 7 24 5 3 -6,5 -20 to +100C 50.009 IP68 Pg 9 29 6 4-8 -20 to +100C 50.011 IP68 Pg 11 29,5 6 5-10 -20 to +100C 50.013 IP68 Pg 13,5 31,5 6,5 6-12 -20 to +100C 50.016 IP68 Pg 16 31,5 6,5 10-14 -20 to +100C 50.021 IP68 Pg 21 34 7 13-18 -20 to +100C 50.029 IP68 Pg 29 39 8 18-25 -20 to +100C 50.036 IP68 Pg 36 45 9 24-32 -20 to +100C 50.042 IP68 Pg 42 49 10 30-38 -20 to +100C 50.048 IP68 Pg 48 52 10 34-44 -20 to +100C 50.007 R IP68 Pg 7 24 5 2 -5 -20 to +100C 50.009 R IP68 Pg 9 29 6 2 -6 -20 to +100C 50.011 R IP68 Pg 11 29,5 6 3 -7 -20 to +100C 50.013 R IP68 Pg 13,5 31,5 6,5 5 -9 -20 to +100C 50.016 R IP68 Pg 16 31,5 6,5 7 -12 -20 to +100C 50.021 R IP68 Pg 21 34 7 9 -16 -20 to +100C 50.029 R IP68 Pg 29 39 8 12 -20 -20 to +100C 50.036 R IP68 Pg 36 45 9 20 -26 -20 to +100C 50.007/EMV IP68 Pg 7 24 5 3 -6,5 -20 to +100C 50.009/EMV IP68 Pg 9 29 6 4-8 -20 to +100C 50.011/EMV IP68 Pg 11 29,5 6 5-10 -20 to +100C 50.013/EMV IP68 Pg 13,5 31,5 6,5 6-12 -20 to +100C 50.016/EMV IP68 Pg 16 31,5 6,5 10-14 -20 to +100C 50.021/EMV IP68 Pg 21 34 7 13-18 -20 to +100C 50.029/EMV IP68 Pg 29 39 8 18-25 -20 to +100C 50.036/EMV IP68 Pg 36 45 9 24-32 -20 to +100C 50.042/EMV IP68 Pg 42 49 10 30-38 -20 to +100C 50.048/EMV IP68 Pg 48 52 10 34-44 -20 to +100C Brass Hexagonal Locknuts Hexagonal Locknuts EMC Features: • MPOT locknuts allow for equipotentiol bonding • Locknuts are Nickel plated brass • Locknuts have a temperature rating of -60c to 200c • Sealing rings Are Constructed from Evoprene TPE Accessories Part Code IP Rating Size H (mm) L (mm) ØC (mm) Temp Rating 207M N/a PG7 2,8 N/a N/a -60 to +200C 209M N/a PG9 2,8 N/a N/a -60 to +200C 211M N/a PG11 3 N/a N/a -60 to +200C 213M N/a PG13,5 3 N/a N/a -60 to +200C 216M N/a PG16 3 N/a N/a -60 to +200C 221M N/a PG21 3,5 N/a N/a -60 to +200C 229M N/a PG29 4 N/a N/a -60 to +200C 236M N/a PG36 5 N/a N/a -60 to +200C 242M N/a PG42 5 N/a N/a -60 to +200C 248M N/a PG48 5,5 N/a N/a -60 to +200C 207 MPOT N/a PG7 4,7 3,7 N/a -60 to +200C 209 MPOT N/a PG9 4,7 3,7 N/a -60 to +200C 211 MPOT N/a PG11 4,7 3,7 N/a -60 to +200C 213 MPOT N/a PG13,5 4,7 3,7 N/a -60 to +200C Hexagonal Locknuts EMC (Continued) 216 MPOT N/a PG16 4,7 3,7 N/a -60 to +200C 221 MPOT N/a PG21 5,2 4,2 N/a -60 to +200C 229 MPOT N/a PG29 5,7 4,7 N/a -60 to +200C 236 MPOT N/a PG36 6 5 N/a -60 to +200C 242 MPOT N/a PG42 6 5 N/a -60 to +200C 248 MPOT N/a PG48 6,5 5,5 N/a -60 to +200C 1007 M IP54 PG7 6 5 14 -60 to +200C IP54 Screw Plug Top With Slot Top Silver Nickel Plated Brass IP68 Screw Plug With O Ring And Slot Top 1009 M IP54 PG9 9 6 17 -60 to +200C 1011 M IP54 PG11 9 6 20 -60 to +200C 1013 M IP54 PG13 9,5 6,5 22 -60 to +200C 1016 M IP54 PG16 9,5 6,5 24 -60 to +200C 1021 M IP54 PG21 11 7 30 -60 to +200C 1029 M IP54 PG29 12 8 39 -60 to +200C 1036 M IP54 PG36 15 9 50 -60 to +200C 1042 M IP54 PG42 16 10 57 -60 to +200C 1048 M IP54 PG48 16 10 64 -60 to +200C 1007 M/G IP68 PG7 7 4,5 16 -30 to +100C 1009 M/G IP68 PG9 8 4,5 19 -30 to +100C 1011 M/G IP68 PG11 8 4,5 22 -30 to +100C 1013 M/G IP68 PG13 10 6 24 -30 to +100C 1016 M/G IP68 PG16 10 6 26 -30 to +100C 1021 M/G IP68 PG21 10 6,5 32 -30 to +100C 1029 M/G IP68 PG29 12 8 39 -30 to +100C 1036 M/G IP68 PG36 15 9 50 -30 to +100C 1042 M/G IP68 PG42 16 10 57 -30 to +100C 1048 M/G IP68 PG48 16 10 64 -30 to +100C |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |