| Electronic Components Datasheet Search |
|
DPB22-R11X Datasheet(PDF) 27 Page - Hylec-APL Ltd. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
DPB22-R11X Datasheet(HTML) 27 Page - Hylec-APL Ltd. All rights reserved. |
|
27 / 35 page ![]() 52 MAKING THE RIGHT CONNECTIONS T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com 53 Cable Glands IP68 Perfect Stainless Steel Cable Gland Metric TeeGlands IP68 Perfect EMC Gland Stainless Steel IP65 WADI EMC Cable Gland NBR Sealing Insert IP65 WADI EMC High Temp Cable Gland Viton Sealing Insert Plastic TeeGlands Stainless Steel Locknut Perfect Metric Stainless Steel Cable Glands Features: • Stainless Steel • Integrated anchorage • Protection against twisting • Wide sealing & clamping ranges • Easy to install Part Code Size H (mm) L (mm) ØC (mm) Temp Rating 50.612 ES M12 25 5 3-6 -20 to +100C 50.616 ES M16 30 5 5-9 -20 to +100C 50.620 ES M20 33,5 6 9-13 -20 to +100C 50.625 ES M25 36,5 7 11-16 -20 to +100C 50.632 ES M32 38 8 14-21 -20 to +100C 50.640 ES M40 41 8 19-27 -20 to +100C 50.650 ES M50 49,5 9 24-35 -20 to +100C 50.663 ES M63 52,5 10 32-42 -20 to +100C 50.616 ES/EMV M16 30 5 5-9 -20 to +100C 50.620 ES/EMV M20 33,5 6 9-13 -20 to +100C 50.625 ES/EMV M25 36,5 7 11-16 -20 to +100C 50.632 ES/EMV M32 38 8 14-21 -20 to +100C 101011M16ES M16 25 6 7-11,5 -30 to +100C 101016M20ES M20 26 6 8-15 -30 to +100C 101021M25ES M25 31 7,5 13-20 -30 to +100C 101029M32ES M32 32 8 18-25,5 -30 to +100C 101011M16ES M16 25 6 7-11,5 -18 to +200C 101016M20ES M20 26 6 8-15 -18 to +200C 101021M25ES M25 31 7,5 13-20 -18 to +200C 101029M32ES M32 32 8 18-25,5 -18 to +200C Part Code Size H (mm) SW1 (mm) A (mm) Temp Rating 50.212 ES M12 2,8 14 M12x1,5 Upto +200C 50.216ES M16 2,8 19 M16x1,5 Upto +200C 50.220ES M20 3 24 M20x1,5 Upto +200C 50.225ES M25 3,5 30 M25x1,5 Upto +200C 50.232ES M32 4 36 M32x1,5 Upto +200C 50.240ES M40 5 46 M40x1,5 Upto +200C 50.250ES M50 5 60 M50x1,5 Upto +200C 50.263ES M63 6 70 M63x1,5 Upto +200C TeeGlands Features: • One piece Bi-material moulded gland body • Incorporates cable sealing ring and sealing washer in one unit - No additional gaskets required. • Saves time on assembly • Suitable for applications in all major industry sections. • Moulded sealing material - Grey TPE-V std. Other colours available to order on request - 2 Hole Insert Product Code IP Rating Colour Material H (mm) Size Thread Length (mm) Cable Diameter (mm) THB.450.A0A 68 Black Nylon 66 35 M16 8 4 to 7.5 THB.450.A0E 68 Grey Nylon 66 35 M16 8 4 to 7.5 THB.450.B0A 68 Black Nylon 66 35 M16 8 7.5 to 9.5 THB.450.B0E 68 Grey Nylon 66 35 M16 8 7.5 to 9.5 THB.451.A0A 68 Black Nylon 66 38 M20 8 2x6mm max THB.451.A0E 68 Grey Nylon 66 38 M20 8 2x6mm max THB.451.B0A 68 Black Nylon 66 38 M20 8 7 to 10.5 THB.451.B0E 68 Grey Nylon 66 38 M20 8 7 to 10.5 THB.451.B0A 68 Black Nylon 66 38 M20 8 10.5 to 14 THB.451.B0E 68 Grey Nylon 66 38 M20 8 10.5 to 14 THB.452.A1A 68 Black Nylon 66 38 M25 8 2x6mm max THB.452.A1E 68 Grey Nylon 66 38 M25 8 2x6mm max THB.452.B1A 68 Black Nylon 66 38 M25 8 7 to 10.5 THB.452.B1E 68 Grey Nylon 66 38 M25 8 7 to 10.5 THB.452.B1A 68 Black Nylon 66 38 M25 8 10.5 to 14 THB.452.B1E 68 Grey Nylon 66 38 M25 8 10.5 to 14 THB.451.A1A 68 Black Nylon 66 35 PG9 8 4 to 7.5 THB.451.A1E 68 Grey Nylon 66 35 PG9 8 4 to 7.5 THB.451.B1A 68 Black Nylon 66 35 PG9 8 7.5 to 9.5 THB.451.B1E 68 Grey Nylon 66 35 PG9 8 7.5 to 9.5 THB.451.A1A 68 Black Nylon 66 38 PG13.5 8 2x6mm max THB.451.A1E 68 Grey Nylon 66 38 PG13.5 8 2x6mm max THB.451.B1A 68 Black Nylon 66 38 PG13.5 8 7 to 10.5 THB.451.B1E 68 Grey Nylon 66 38 PG13.5 8 7 to 10.5 THB.451.B1A 68 Black Nylon 66 38 PG13.5 8 10.5 to 14 THB.451.B1E 68 Grey Nylon 66 38 PG13.5 8 10.5 to 14 THB.452.A2A 68 Black Nylon 66 38 PG16 8 2x6mm max THB.452.A2E 68 Grey Nylon 66 38 PG16 8 2x6mm max THB.452.B2A 68 Black Nylon 66 38 PG16 8 7 to 10.5 THB.452.B2E 68 Grey Nylon 66 38 PG16 8 7 to 10.5 THB.452.B2A 68 Black Nylon 66 38 PG16 8 10.5 to 14 THB.452.B2E 68 Grey Nylon 66 38 PG16 8 10.5 to 14 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |