Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPB22-R11X Datasheet(PDF) 25 Page - Hylec-APL Ltd. All rights reserved.

Part # DPB22-R11X
Description  Control Stations & Enclosures
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.

DPB22-R11X Datasheet(HTML) 25 Page - Hylec-APL Ltd. All rights reserved.

Back Button DPB22-R11X Datasheet HTML 21Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 22Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 23Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 24Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 25Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 26Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 27Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 28Page - Hylec-APL Ltd. All rights reserved. DPB22-R11X Datasheet HTML 29Page - Hylec-APL Ltd. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
48
MAKING THE RIGHT CONNECTIONS
T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com
49
Cable Glands
Features:
• Locknut avaliable in V0 material
• Thread adaptors have a Temperature
Range of -30c to +100C
• Flange Locknuts avaliable
Metric Nylon Accessories
Locknuts
Flange Locknuts
Part Code
Colour
Size
H
(mm)
L
(mm)
ØC
(mm)
IP
Rating
Material
Temperature
Rating
50.212 PA7001
Ral7001 - Grey
M12
5
N/a
N/a
N/a
PA6 GF30
-20 to +100C
50.216 PA7001
Ral7001 - Grey
M16
5
N/a
N/a
N/a
PA6 GF30
-20 to +100C
50.220 PA7001
Ral7001 - Grey
M20
6
N/a
N/a
N/a
PA6 GF30
-20 to +100C
50.225 PA7001
Ral7001 - Grey
M25
6
N/a
N/a
N/a
PA6 GF30
-20 to +100C
50.232 PA7001
Ral7001 - Grey
M32
7
N/a
N/a
N/a
PA6 GF30
-20 to +100C
50.240 PA7001
Ral7001 - Grey
M40
7
N/a
N/a
N/a
PA6 GF30
-20 to +100C
50.250 PA7001
Ral7001 - Grey
M50
8
N/a
N/a
N/a
PA6 GF30
-20 to +100C
50.263 PA7001
Ral7001 - Grey
M63
8
N/a
N/a
N/a
PA6 GF30
-20 to +100C
50.212 PA7035
Ral7035 - Light Grey
M12
5
N/a
N/a
N/a
PA6 GF30
-20 to +100C
50.216 PA7035
Ral7035 - Light Grey
M16
5
N/a
N/a
N/a
PA6 GF30
-20 to +100C
50.220 PA7035
Ral7035 - Light Grey
M20
6
N/a
N/a
N/a
PA6 GF30
-20 to +100C
50.225 PA7035
Ral7035 - Light Grey
M25
6
N/a
N/a
N/a
PA6 GF30
-20 to +100C
50.232 PA7035
Ral7035 - Light Grey
M32
7
N/a
N/a
N/a
PA6 GF30
-20 to +100C
50.240 PA7035
Ral7035 - Light Grey
M40
7
N/a
N/a
N/a
PA6 GF30
-20 to +100C
50.250 PA7035
Ral7035 - Light Grey
M50
8
N/a
N/a
N/a
PA6 GF30
-20 to +100C
50.263 PA7035
Ral7035 - Light Grey
M63
8
N/a
N/a
N/a
PA6 GF30
-20 to +100C
50.212 PA/SW
Ral9005 - Black
M12
5
N/a
N/a
N/a
PA6 GF30
-20 to +100C
50.216 PA/SW
Ral9005 - Black
M16
5
N/a
N/a
N/a
PA6 GF30
-20 to +100C
50.220 PA/SW
Ral9005 - Black
M20
6
N/a
N/a
N/a
PA6 GF30
-20 to +100C
50.225 PA/SW
Ral9005 - Black
M25
6
N/a
N/a
N/a
PA6 GF30
-20 to +100C
50.232 PA/SW
Ral9005 - Black
M32
7
N/a
N/a
N/a
PA6 GF30
-20 to +100C
50.240 PA/SW
Ral9005 - Black
M40
7
N/a
N/a
N/a
PA6 GF30
-20 to +100C
50.250 PA/SW
Ral9005 - Black
M50
8
N/a
N/a
N/a
PA6 GF30
-20 to +100C
50.263 PA/SW
Ral9005 - Black
M63
8
N/a
N/a
N/a
PA6 GF30
-20 to +100C
Part Code
Colour
Size
H
(mm)
L
(mm)
SW
(mm)
IP
Rating
Material
Temperature
Rating
DLN16B
Ral9005 - Black
M16
7
N/a
N/a
N/a
Nylon 6
DLN20B
Ral9005 - Black
M20
7
N/a
N/a
N/a
Nylon 6
DLN25B
Ral9005 - Black
M25
8
N/a
N/a
N/a
Nylon 6
DLN16G
Ral7035 - Light Grey
M16
7
N/a
N/a
N/a
Nylon 6
DLN20G7035
Ral7035 - Light Grey
M20
7
N/a
N/a
N/a
Nylon 6
DLN25G
Ral7035 - Light Grey
M25
8
N/a
N/a
N/a
Nylon 6
DLN16W
Ral9010 - White
M16
7
N/a
N/a
N/a
Nylon 6
DLN20W
Ral9010 - White
M20
7
N/a
N/a
N/a
Nylon 6
DLN20G7001
Ral7001 - Grey
M20
7
N/a
N/a
N/a
Nylon 6
DLN20R
Ral3000 - Flame Red
M20
7
N/a
N/a
N/a
Nylon 6
Metric Nylon Reducing Thread Adaptor
M16M12 PA/SW
Ral9005 - Black
M16M12
12
8
24
N/a
PA6
-30 to +100C
M20M12 PA/SW
Ral9005 - Black
M20M12
12
8
24
N/a
PA6
-30 to +100C
M20M16 PA/SW
Ral9005 - Black
M20M16
12
8
24
N/a
PA6
-30 to +100C
M25M12 PA/SW
Ral9005 - Black
M25M12
14
8
29
N/a
PA6
-30 to +100C
M25M16 PA/SW
Ral9005 - Black
M25M16
14
8
29
N/a
PA6
-30 to +100C
M25M20 PA/SW
Ral9005 - Black
M25M20
14
8
29
N/a
PA6
-30 to +100C
M32M12 PA/SW
Ral9005 - Black
M32M12
16
10
36
N/a
PA6
-30 to +100C
M32M16 PA/SW
Ral9005 - Black
M32M16
16
10
36
N/a
PA6
-30 to +100C
M32M20 PA/SW
Ral9005 - Black
M32M20
16
10
36
N/a
PA6
-30 to +100C
M32M25 PA/SW
Ral9005 - Black
M32M25
16
10
36
N/a
PA6
-30 to +100C
M40M16 PA/SW
Ral9005 - Black
M40M16
16
10
46
N/a
PA6
-30 to +100C
M40M20 PA/SW
Ral9005 - Black
M40M20
16
10
46
N/a
PA6
-30 to +100C
M40M25 PA/SW
Ral9005 - Black
M40M25
16
10
46
N/a
PA6
-30 to +100C
M40M32 PA/SW
Ral9005 - Black
M40M32
16
10
55
N/a
PA6
-30 to +100C
M50M20 PA/SW
Ral9005 - Black
M50M20
18
12
55
N/a
PA6
-30 to +100C
M50M25 PA/SW
Ral9005 - Black
M50M25
18
12
55
N/a
PA6
-30 to +100C
M50M32 PA/SW
Ral9005 - Black
M50M32
18
12
55
N/a
PA6
-30 to +100C
M50M40 PA/SW
Ral9005 - Black
M50M40
18
12
55
N/a
PA6
-30 to +100C
M63M25 PA/SW
Ral9005 - Black
M63M25
18
12
68
N/a
PA6
-30 to +100C
M63M32 PA/SW
Ral9005 - Black
M63M32
18
12
68
N/a
PA6
-30 to +100C
M63M40 PA/SW
Ral9005 - Black
M63M40
18
12
68
N/a
PA6
-30 to +100C
M63M50 PA/SW
Ral9005 - Black
M63M50
18
12
68
N/a
PA6
-30 to +100C
IP68 Nylon Metric Perfect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com