| Electronic Components Datasheet Search |
|
DPB22-R11X Datasheet(PDF) 22 Page - Hylec-APL Ltd. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
DPB22-R11X Datasheet(HTML) 22 Page - Hylec-APL Ltd. All rights reserved. |
|
22 / 35 page ![]() 42 MAKING THE RIGHT CONNECTIONS T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com 43 Cable Glands Metric Locknuts IP68 Screw Plug With O Ring And Slot Top IP54 Screw Plug With Slot Top Kompakt Glands: NPB Gland With Clamping Jaw: NPB Gland With Clamping Jaw: Flat Profile Cable Gland: Other Styles Of Gland Are Avaliable Features: • IP55 rated • Avaliable in Standard or with rubber bushing inside • Temperature rating of -30c to +100c • Sizes From M12 - M63 Features: • IP55 rated • Avaliable in Standard or with rubber bushing inside • Pressure Screw also Avaliable • Sizes From M12 - M40 Features: • IP55 rated • Temperature rating of -30c to +100c • Sizes From M12 - M63 Features: • IP55 rated • Temperature rating of -30c to +80c • Sizes From M12 - M63 Accessories Part Code IP Rating Colour Material Size H (mm) L (mm) ØC (mm) Temp Rating 50.212 M N/a Silver Metric Nickel Plated Brass M12 2,8 N/a N/a -60 to +200C 50.216 M N/a Silver Metric Nickel Plated Brass M16 2,8 N/a N/a -60 to +200C 50.220 M N/a Silver Metric Nickel Plated Brass M20 3 N/a N/a -60 to +200C 50.225 M N/a Silver Metric Nickel Plated Brass M25 3,5 N/a N/a -60 to +200C 50.232 M N/a Silver Metric Nickel Plated Brass M32 4 N/a N/a -60 to +200C 50.240 M N/a Silver Metric Nickel Plated Brass M40 5 N/a N/a -60 to +200C 50.250 M N/a Silver Metric Nickel Plated Brass M50 5 N/a N/a -60 to +200C 50.263 M N/a Silver Metric Nickel Plated Brass M63 6 N/a N/a -60 to +200C 10.1210 M/G IP68 Silver Metric Nickel Plated Brass M12 7,5 4,5 16 -30 to +100C 10.1215 M/G IP68 Silver Metric Nickel Plated Brass M12 8 5 16 -30 to +100C 10.1615 M/G IP68 Silver Metric Nickel Plated Brass M16 9 6 20 -30 to +100C 10.2015 M/G IP68 Silver Metric Nickel Plated Brass M20 9,5 6,5 24 -30 to +100C 10.2515 M/G IP68 Silver Metric Nickel Plated Brass M25 11 7 28 -30 to +100C 10.3215 M/G IP68 Silver Metric Nickel Plated Brass M32 12 8 35 -30 to +100C 10.4015 M/G IP68 Silver Metric Nickel Plated Brass M40 12 8 45 -30 to +100C 10.5015 M/G IP68 Silver Metric Nickel Plated Brass M50 15 9 55 -30 to +100C 10.6315 M/G IP68 Silver Metric Nickel Plated Brass M63 16 10 68 -30 to +100C 10.1210 IP54 Silver Metric Nickel Plated Brass M12 7,5 4,5 16 -60 to +200C 10.1215 IP54 Silver Metric Nickel Plated Brass M12 8 5 16 -60 to +200C 10.1615 IP54 Silver Metric Nickel Plated Brass M16 9 6 20 -60 to +200C 10.2015 IP54 Silver Metric Nickel Plated Brass M20 9,5 6,5 24 -60 to +200C 10.2515 IP54 Silver Metric Nickel Plated Brass M25 11 7 28 -60 to +200C 10.3215 IP54 Silver Metric Nickel Plated Brass M32 12 8 35 -60 to +200C 10.4015 IP54 Silver Metric Nickel Plated Brass M40 12 8 45 -60 to +200C 10.5015 IP54 Silver Metric Nickel Plated Brass M50 15 9 55 -60 to +200C 10.6315 IP54 Silver Metric Nickel Plated Brass M63 16 10 68 -60 to +200C Perfect Metric Nickel Plated Brass Enlarger Adapter Metric/Metric EMC Cutting Locknuts Part Code IP Rating Colour Material Size H (mm) L (mm) ØC (mm) Temp Rating M12M16/FR N/a Silver Metric Nickel Plated Brass M12/M16 16 5 8 Bis +200C M16M20/FR N/a Silver Metric Nickel Plated Brass M16/M20 16,5 5 12 Bis +200C M20M25/FR N/a Silver Metric Nickel Plated Brass M20/M25 18,5 6 15 Bis +200C M25M32/FR N/a Silver Metric Nickel Plated Brass M25/M32 20,5 7 21 Bis +200C M32M40/FR N/a Silver Metric Nickel Plated Brass M32/M40 23,5 8 26 Bis +200C M40M50/FR N/a Silver Metric Nickel Plated Brass M40/M50 30 8 34 Bis +200C M50M63/FR N/a Silver Metric Nickel Plated Brass M50/M63 32,5 9 44 Bis +200C 50.212 MPOT N/a Silver Metric Nickel Plated Brass M12 5,5 4,5 N/a -60 to +200C 50.216 MPOT N/a Silver Metric Nickel Plated Brass M16 5,5 4,5 N/a -60 to +200C 50.220 MPOT N/a Silver Metric Nickel Plated Brass M20 5,5 4,5 N/a -60 to +200C 50.225 MPOT N/a Silver Metric Nickel Plated Brass M25 5,5 4,5 N/a -60 to +200C 50.232 MPOT N/a Silver Metric Nickel Plated Brass M32 5,5 4,5 N/a -60 to +200C 50.240 MPOT N/a Silver Metric Nickel Plated Brass M40 6 5 N/a -60 to +200C 50.250 MPOT N/a Silver Metric Nickel Plated Brass M50 6 5 N/a -60 to +200C 50.263 MPOT N/a Silver Metric Nickel Plated Brass M63 7 6 N/a -60 to +200C Multihole Sealing Insert WJ-DM 12/3x2.3 Perfect series 50.6xx M & Perfect series 50.1xx M. Other sizes and hole configurations also available - please request details. M12 N/a 6.6 3x2.3 8.5 .-30c to +100c Evoprene TPE WJ-DM 16/2x4.5 M16 N/a 7.6 2x4.5 11.7 .-30c to +100c Evoprene TPE WJ-DM 16/4x2.3 M16 N/a 7.6 4x2.3 11.7 .-30c to +100c Evoprene TPE WJ-DM 20/2x4 M20 N/a 7.5 2x4 15.1 .-30c to +100c Evoprene TPE WJ-DM 20/2x6 M20 N/a 7.5 2x6 15.1 .-30c to +100c Evoprene TPE WJ-DM 20/4x5 M20 N/a 7.5 4x5 15.1 .-30c to +100c Evoprene TPE WJ-DM 25/3x6 M25 N/a 9.3 3x6 19.8 .-30c to +100c Evoprene TPE WJ-DM 25/3x7 M25 N/a 9.3 3x7 19.8 .-30c to +100c Evoprene TPE WJ-DM 25/4x5 M25 N/a 9.3 4x5 19.8 .-30c to +100c Evoprene TPE WJ-DM 25/4x6 M25 N/a 9.3 4x6 19.8 .-30c to +100c Evoprene TPE WJ-DM 32/4x7 M32 N/a 12.5 4x7 25.1 .-30c to +100c Evoprene TPE WJ-DM 32/4x8 M32 N/a 12.5 4x8 25.1 .-30c to +100c Evoprene TPE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |