Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT03 Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # CS1W-RPT03
Description  CJ2 FAMILY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT03 Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button CS1W-RPT03 Datasheet HTML 15Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 16Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 17Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 18Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 19Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 20Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 21Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 22Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 23Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
22
CJ-Series communication units
Modular PLC
Open to any communication
The CJ-Series offers both standardised open networks interfaces, and cost-efficient
high-speed proprietary network links. Datalinks between PLCs, or to higher-level in-
formation systems can be made using serial or Ethernet links, or the easy-to-use
controller link network.
Omron supports the 2 major field networks, DeviceNet and PROFIBUS-DP.
For high-speed field I/O, Omron's own CompoBus/S offers an unsurpassed ease of
installation. Fully user-configurable serial and CAN-based communication can be
used to emulate a variety of application-specific protocols. EtherNet/IP units provide
data link functions to share large amounts of data between PLCs. The new PROFINET-
IO controller together with the SmartSlice modular I/O system offers ethernet-based
I/O with controller- and network redundancy.
Ordering information
Accessories
Type
Ports
Data transfer Protocols
Unit class
Width
Connection type
Order code
Serial
2 x RS-232C
CompoWay/F, Host link, NT link, Modbus, User-defined
CPU bus unit
31 mm
9-pin D-Sub
CJ1W-SCU21-V1
Serial
2 x RS-232C
High-speed
CompoWay/F, Host link, NT link, Modbus, User-defined
CPU bus unit
31 mm
9-pin D-Sub
CJ1W-SCU22
Serial
2 x RS-422A/RS-485
CompoWay/F, Host link, NT link, Modbus, User-defined
CPU bus unit
31 mm
9-pin D-Sub
CJ1W-SCU31-V1
Serial
2 x RS-422A/RS-485 High-speed
CompoWay/F, Host link, NT link, Modbus, User-defined
CPU bus unit
31 mm
9-pin D-Sub
CJ1W-SCU32
Serial
1 x RS-232C +
1 x RS-422/RS-485
CompoWay/F, Host link, NT link, Modbus, User-defined
CPU bus unit
31 mm
9-pin D-Sub
CJ1W-SCU41-V1
Serial
1 x RS-232C +
1 x RS-422/RS-485
High-speed
CompoWay/F, Host link, NT link, Modbus, User-defined
CPU bus unit
31 mm
9-pin D-Sub
CJ1W-SCU42
Ethernet
1 x 100 Base-Tx
UDP, TCP/IP, FTP server,SMTP (e-mail), SNTP (time adjust),
FINS routing, socket service
CPU bus unit
31 mm
RJ45
CJ1W-ETN21
EtherNet/IP
1 x 100 Base-Tx
EtherNet/IP, UDP, TCP/IP, FTP server, SNTP, SNMP
CPU Bus unit
31 mm
RJ45
CJ1W-EIP21
Controller link 2-wire twisted pair
Omron proprietary
CPU bus unit
31 mm
2-wire screw + GND
CJ1W-CLK21-V1
DeviceNet
1 x CAN
DeviceNet
CPU bus unit
31 mm
5-p detachable
CJ1W-DRM21
PROFIBUS-DP 1 x RS-485 (Master)
DP, DPV1
CPU bus unit
31 mm
9-pin D-Sub
CJ1W-PRM21
PROFIBUS-DP 1 x RS-485 (Slave)
DP
Special I/O unit
31 mm
9-pin D-Sub
CJ1W-PRT21
PROFINET-IO 1 x 100 Base-Tx
PROFINET-IO Controller, FINS/UDP
CPU Bus unit
31 mm
RJ45
CJ1W-PNT21
CAN
1 x CAN
User-defined, supports 11-bit and 29-bit identifiers
CPU bus unit
31 mm
5-p detachable
CJ1W-CORT21
CompoNet
4-wire, data +
power to slaves
(Master)
CompoNet (CIP-based)
Special I/O unit
31 mm
4-p detachable IDC or screw
CJ1W-CRM21
CompoBus/S
2-wire (Master)
Omron proprietary
Special I/O unit
20 mm
2-wire screw + 2-wire power CJ1W-SRM21
Description
Connection type
Order code
RS-232C to RS-422/RS-485 signal converter. Mounts directly on serial port.
9-pin D-sub to screw clamp
terminals
CJ1W-CIF11
Controller link PCI board with support software
PCI, wired CLK
3G8F7-CLK21-EV1
Controller link repeater unit (wire to wire)
Screw - Screw
CS1W-RPT01
Controller link repeater unit (wire to HPCF fibre)
Screw - HPCF connector
CS1W-RPT02
Controller link repeater unit (wire to graded-index glass fibre)
Screw - ST connector
CS1W-RPT03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com