Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT03 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # CS1W-RPT03
Description  CJ2 FAMILY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT03 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button CS1W-RPT03 Datasheet HTML 8Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 9Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 10Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 11Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 12Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 13Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 14Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 15Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
CJ2
Modular PLC
12
Data
Tracing
Memory Capacity
8,000 words
16,000
words
32,000 words
8,000 words
(Up to 32k words × 25 banks when EM is specified in CX-Programmer) (Up to 32k words × 4 banks when EM is specified in CX-Programmer)
Number of Samplings
Bits = 31, one-word data =16, two-word data = 8, four-word data = 4
Sampling Cycle
1 to 2,550 ms (Unit: 1 ms)
Trigger Conditions
ON/OFF of specified bit
Data comparison of specified word
Data size: 1 word, 2 words, 4 words
Comparison method: Equals (=), Greater than (>), Greater than or equals (
), Less than (<), Less than or equals (), Not equal ()
Delay Value
-32,768 to +32,767 ms
File Memory
Memory Card (128, 256, or 512 Mbytes) (Use the Memory Cards provided by OMRON.)
EM file memory (Part of the EM Area can be converted for use as file memory.)
Source/
Comment
Memory
Program source, comments, program
index, and symbol table
Capacity: 3.5 Mbytes
Capacity: 1 Mbytes
*1
The following times are added if EtherNet/IP data tag links are used for the CJ2H-CPU6_-EIP.
Normal operation: 100 μs + Number of transfer words × 0.33 μs
High-speed interrupt function enabled: 100 μs + Number of transfer words × 0.87 μs
The following time must be added when using EtherNet/IP tag data links for the CJ2M-CPU3_.
100 μs + (Number of words transferred × 1.8 μs)
*2
This applies when high-speed interrupts are used.
*3
A960 to A1471 and A10000 to A11535 cannot be accessed by CPU Bus Units, Special I/O Units, PTs, and Support Software that do not specifically support the CJ2 CPU Units.
*4
Bits in the EM Area can be addressed either by bit or by word. These bits cannot be addressed by CPU Bus Units, Special I/O Units, PTs, and Support Software that do not specifically support the
CJ2 CPU Units.
*5
EM banks D to 18 cannot be accessed by CPU Bus Units, Special I/O Units, PTs, and Support Software that do not specifically support the CJ2 CPU Units.
*6
With CJ2H CPU Units with unit version 1.2 or later, force-setting/resetting bits in the EM Area is possible either for banks that have been specified for automatic address allocation or for banks
specified for the EM Area force-set/reset function. With CJ2M CPU Units, force-setting/resetting bits in the EM Area is possible only for banks specified for the EM Area force-set/reset function.
*7
This data type cannot be used in Function blocks.
*8
This data type can be used only in Function blocks.
*9
Supported only when CX-Programmer version 9.0 or higher is used.
*10
Supported only by the CJ2H-CPU6_-EIP and CJ2M-CPU3_.
Items
CJ2H-
CJ2M-
CPU64(-EIP) CPU65(-EIP) CPU66(-EIP) CPU67(-EIP) CPU68(-EIP) CPU11/31
CPU12/32
CPU13/33
CPU14/34
CPU15/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com