Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT03 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # CS1W-RPT03
Description  CJ2 FAMILY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT03 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button CS1W-RPT03 Datasheet HTML 4Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 5Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 6Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 7Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 8Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 9Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 10Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 11Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
CJ2
Modular PLC
* Unit Version 2.0 or Later
** CX-ONE V4 Required
Model
CJ2M-CPU11 CJ2M-CPU12 CJ2M-CPU13 CJ2M-CPU14 CJ2M-CPU15 CJ2M-CPU31 CJ2M-CPU32 CJ2M-CPU33 CJ2M-CPU34 CJ2M-CPU35
I/O Capacity/Mountable Units
2,560 Points/40 Units (3 Expansion Racks Max.)
Program Capacity
5K steps
10K steps
20K steps
30K steps
60K steps
5K steps
10K steps
20K steps
30K steps
60K steps
Data Memory Capacity
DM: 32K words,
EM: 32K words/Bank x 1 Bank
DM: 32K words,
EM: 32K words/Bank
x 4 Banks
DM: 32K words,
EM: 32K words/Bank x 1 Bank
DM: 32K words,
EM: 32K words/Bank
x 4 Banks
Data Tracing Memory
8K words
Source/Comment Memory
1 Mbyte
Function Block Definitions
256
2,048
256
2,048
Function Block Instances
256
2,048
256
2,048
Function Block Program Area
20K Steps
Built-in Ethernet
No
Yes (with EtherNet/IP Functionality)
Built-in USB
Yes
Built-in RS-232 Port
Yes
No
Communication Option Board Slot
No
Yes
LD Instruction Execution Time
40 ns
Pulse I/O add-on modules
Supported*
Synchronous Unit Operation
No
User-defined Data Structures**
Yes
Unit Size (HxWxD)
90 x 31 x 84.5 mm
90 x 62 x 84.5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com