Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT03 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # CS1W-RPT03
Description  CJ2 FAMILY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT03 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button CS1W-RPT03 Datasheet HTML 7Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 8Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 9Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 10Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 11Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 12Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 13Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 14Page - Omron Electronics LLC CS1W-RPT03 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
CJ2
Modular PLC
11
Auxiliary area
Read-only: 31,744 bits (1,984 words)
• 7,168 bits (448 words): Words A0 to A447
• 24,576 bits (1,536 words): Words A10000 to A11535*3
Read/write: 16,384 bits (1,024 words) in words A448 to A1471*3
Temporary area
16 bits: TR0 to TR15
Timer area
4,096 timer numbers (T0000 to T4095 (separate from counters))
Counter area
4,096 counter numbers (C0000 to C4095 (separate from timers))
DM area
32k words*4
• DM Area words for Special I/O Units: D20000 to D29599 (100 words × 96 Units)
• DM Area words for CPU Bus Units: D30000 to D31599 (100 words × 16 Units)
EM area
32k words/bank × 25 banks max.: E00_00000 to E18_32767 max.*4,*5 32k words/bank × 4 banks max.: E00_00000 to E3_32767 max.*4
32K words ×
4 banks
32K words ×
4 banks
32K words ×
10 banks
32K words ×
15 banks
32K words ×
25 banks
32K words × 1 bank
32K words × 4 banks
Banks for
which bits
can be
forceset/
reset*6
Using EM area
forcesetting/ resetting
Banks 0 to
3hex
Banks 0 to
3hex
Banks 0 to
9hex
Banks 0 to
Ehex
Banks 0 to
18 hex
Bank 0 hex
Banks 0 to 3 hex
Using automatic address
allocation specifications
Bank 3 hex
Bank 3 hex
Banks 6 to
9hex
Banks 7 to
Ehex
Banks 11 to
18 hex
Index registers
IR0 to IR15
These are special registers for storing PLC memory addresses for indirect addressing. (Index Registers can be set so that they are unique in
each task or so that they are shared by all tasks.)
Cyclic task flag area
128 flags
Memory card
128 MB, 256 MB, or 512 MB
Operating modes
PROGRAM mode: Programs are not executed. Preparations can be executed prior to program execution in this mode.
MONITOR mode: Programs are executed, and some operations, such as online editing, and changes to present values in I/O memory, are en-
abled in this mode.
RUN mode:
Programs are executed. This is the normal operating mode.
Execution mode
Normal mode
Programming languages
Ladder Logic (LD)
Sequential Function Charts (SFC)
Structured Text (ST)
Instruction Lists (IL)
Function
blocks
Maximum number of definitions
2,048
256
2,048
Maximum number of
instances
2,048
256
2,048
FB program area
20K steps
Tasks
Type of tasks
Cyclic tasks
Interrupt tasks (Power OFF interrupt tasks, scheduled interrupt tasks, I/O interrupt tasks, and external interrupt tasks)
Number of tasks
Cyclic tasks:
128
Interrupt tasks:
256 (Interrupt tasks can be defined as cyclic tasks to create extra cyclic tasks. Therefore, the total number of cyclic tasks is
actually 384 max.)
Symbols
(Variables)
Type of symbols
Local symbols: Can be used only within a single task in the PLC.
Global symbols: Can be used in all tasks in the PLC.
Network symbols (tags)*7: I/O memory in the CPU Unit can be externally accessed using symbols, depending on parameter settings.
Data type of symbols
BOOL (bit)
UINT (one-word unsigned binary)
UDINT (two-word unsigned binary)
ULINT (four-word unsigned binary)
INT (one-word signed binary)
DINT (two-word signed binary)
LINT (four-word signed binary)
UINT BCD (one-word unsigned BCD)*7
UDINT BCD (two-word unsigned BCD)*7
ULINT BCD (four-word unsigned BCD)*7
REAL (two-word floating-point)
LREAL (four-word floating-point)
CHANNEL (word)
NUMBER (constant or number)
WORD (one-word hexadecimal)
DWORD (two-word hexadecimal)
LWORD (four-word hexadecimal)
STRING (1 to 255 ASCII characters)
TIMER (timer)*8
COUNTER (counter)*8
User-defined data types (data structures)*9
Maximum size of symbol
32k words
Array symbols (Array variables)
One-dimensional arrays
Number of array elements
32,000 elements max.
Number of registrable network
symbols (Tags)*10
20,000 max.
2,000 max.
Length of network symbol (Tag)
name*10
255 bytes max.
Encoding of network symbols
(Tags)*10
UTF-8
Items
CJ2H-
CJ2M-
CPU64(-EIP) CPU65(-EIP) CPU66(-EIP) CPU67(-EIP) CPU68(-EIP) CPU11/31
CPU12/32
CPU13/33
CPU14/34
CPU15/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com