Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD6282CS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CD6282CS
Description  4.6W x 2 Dual-Channel Audio Power Amplifier Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CD6282CS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CD6282CS Datasheet HTML 1Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 2Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 3Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 4Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 5Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 6Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 7Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
双极电路
CD6282CS
4.6W
2 双通道音频功率放大电路
无锡华润矽科微电子有限公司
地址 江苏省无锡市梁溪路 14 号 电话 0510-85810118-5506 传真 0510-85810118-3093
邮编 214061
网址 http://www. semico.com.cn
电邮 apply@semico.com.cn
第 1 页 共 8 页
1. 概述与特点
CD6282CS 是一块具有电源 ON/OFF 辅助开关功能的双通道音频功率放大电路 体积小 外围电
路简单 可用于便携式收录机中作音频功率放大
其特点如下
输出功率大
开机 噗 声小
静态电流低
软箝位功能
内置过热保护电路
工作电源电压范围宽 V
CC = 6V ~ 15V
封装形式 FSIP12
2. 功能框图与引脚说明
2. 1 功能框图
30
20k
30
20k
7
8
12
4
5
2
10
6
11
3
9
1
偏置回路
热保护回路
A1
A2


Similar Part No. - CD6282CS

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CD6282C MICROSEMI-CD6282C Datasheet
134Kb / 2P
CELLULAR DIE PACKAGE
CD6282CA MICROSEMI-CD6282CA Datasheet
134Kb / 2P
CELLULAR DIE PACKAGE
More results

Similar Description - CD6282CS

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA6282K KEC-KIA6282K Datasheet
209Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (4.6W DUAL AUDIO POWER AMPLIFIER)
KIA6283K KEC-KIA6283K Datasheet
176Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (4.6W DUAL AUDIO POWER AMPLIFIER)
logo
List of Unclassifed Man...
D6283 ETC1-D6283 Datasheet
310Kb / 7P
4.6W DUAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
A6283 UTC-A6283 Datasheet
293Kb / 7P
4.6W DUAL AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
KIA6282K TGS-KIA6282K Datasheet
370Kb / 7P
4.6W DUAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
A6283 UTC-A6283_15 Datasheet
298Kb / 7P
4.6W DUAL AUDIO POWER AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
D6282 YONGFUKANG-D6282 Datasheet
119Kb / 6P
4.6W Dual Audio Power Amplifier
logo
List of Unclassifed Man...
CD1622CB ETC2-CD1622CB Datasheet
345Kb / 7P
110mw X 2 Dual-channel audio power amplifier
CD2025 ETC2-CD2025 Datasheet
198Kb / 4P
2.3W x 2 dual-channel audio power amplifier
CD2025CP ETC2-CD2025CP Datasheet
154Kb / 4P
2.3W X 2 Dual-channel audio power amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com