Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD6282CS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CD6282CS
Description  4.6W x 2 Dual-Channel Audio Power Amplifier Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CD6282CS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CD6282CS Datasheet HTML 1Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 2Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 3Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 4Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 5Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 6Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 7Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
双极电路
CD6282CS
续上表
规 范 值
参 数 名 称
符 号
测 试 条 件
最小
典型
最大
单 位
输出噪声电压
VNO
Rg=10k
BW=20Hz~20kHz
0.3
1.0
mV
纹波抑制比
R.R
Rg =600 , f rip=120Hz
54
通道串音
C.T
Rg=10k ,VO=0dBm
f =1kHz
45
dB
输入失调电压
VOS
V6
V7
20
60
mV
4. 测试线路
无锡华润矽科微电子有限公司
第 3 页 共 8 页
0.15 F
4
Vcc
R L
V
V
7
8
12
4
5
2
10
6
11
3
9
1
SW
82
V
CD6282CS
+ 2200 F
1000 F
+
100
F
0.15 F
4
R L
V
1000 F
+
100
F
+
47 F
*Cin
+
220
F
82
+
47 F
*Cin
O1
O2
IN1
IN2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com