Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD6282CS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CD6282CS
Description  4.6W x 2 Dual-Channel Audio Power Amplifier Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CD6282CS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  CD6282CS Datasheet HTML 1Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 2Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 3Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 4Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 5Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 6Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 7Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
双极电路
CD6282CS
Po - Vcc
电源电压 Vcc
V
THD=10%
f=1kHz
0
4
8
12
16
20
24
0
2
4
6
8
10
100
30
10
3
1
0.3
0.1
0
C.T - Rg
信号源阻抗 Rg
k
0
-20
-40
-60
-80
Vcc=9V
R
=4
Vo=0dBm
f=1kHz
L
0
10
20
30
40
0
48
12
16
0
20
4
12
8
16
电源电压 Vcc
V
100
30
10
3
1
0.3
0.1
Av - f
频率 f
kHz
0
20
40
60
80
Vcc=9V
R
=4
Vrip=0.775V
Rf=82
100
30
10
3
1
0.3
0.1
0
R.R - Rg
信号源阻抗 Rg
k
0
-20
-40
-60
-80
Vcc=9V
R =4
Vrip=0.2V
frip=100Hz
100
30
10
3
1
0.3
0.1
0
V
- Rg
信号源阻抗 Rg
k
1.6
1.2
0.8
0.4
0
Vcc=9V
R =4
B.W=20Hz 20kHz
NO
V2 V10
L
L
L
I
/ Vo - Vcc
CCQ
I
CCQ
无锡华润矽科微电子有限公司
第 6 页 共 8 页



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com