Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD6282CS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CD6282CS
Description  4.6W x 2 Dual-Channel Audio Power Amplifier Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CD6282CS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CD6282CS Datasheet HTML 1Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 2Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 3Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 4Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 5Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 6Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 7Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
双极电路
CD6282CS
2. 2 引脚说明
引脚
符 号
功 能
引脚
符 号
功 能
1
BS1
自举 1
7
IN2
输入 2
2
OUT1
输出 1
8
NF2
反馈 2
3
VCC2
电源 2
9
GND
地
4
RILRIP
纹波滤波
10
OUT2
输出 2
5
NF1
反馈 1
11
BS2
自举 2
6
IN1
输入 1
12
VCC1
电源 1
3. 电特性
3. 1 极限参数
除非另有规定 T
amb= 25
参 数 名 称
符 号
额 定 值
单 位
电源电压
VCC
16
V
输出电流
瞬时值/通道
IoP
2.5
A
功耗
PD
12.5
W
工作环境温度
Tamb
-20 ~ +70
贮存温度
Tstg
-40 ~ +150
3. 2 电特性
除非另有规定 T
amb= 25
VCC = 9V, RL = 4 , f = 1kHz, Rg = 600
规 范 值
参 数 名 称
符 号
测 试 条 件
最小
典型
最大
单 位
静态电流
ICCQ
Vi=0
19
45
mA
SW
OFF 时
电源电流
Isb
SW
OFF
1
20
uA
THD=10%
2.0
2.5
输出功率
PO
THD=10%
VCC=12V
4.0
4.6
W
输入电阻
Ri
30
k
Rf =82 ,VO= 0.775V
43
45
47
电压增益
AV
Rf =0 , VO= 0.775V
56
dB
失真度
THD
各通道 P
O=1W
0.25
1
%
接下表
无锡华润矽科微电子有限公司
第 2 页 共 8 页



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com