Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD6282CS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CD6282CS
Description  4.6W x 2 Dual-Channel Audio Power Amplifier Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CD6282CS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CD6282CS Datasheet HTML 1Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 2Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 3Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 4Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 5Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 6Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 7Page - List of Unclassifed Manufacturers CD6282CS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
双极电路
CD6282CS
5. 特性曲线
03
0.
3
0.
0.
1
3
1
0.5
1
5
30
0.
0.3
3
10
THD - Po
f=1kHz
Vcc=9V
输出功率 Po
W
10
1
R
=2
3
4
03
0.
3
0.
0.
1
3
1
0.5
1
5
30
0.
0.3
3
10
THD - Po
R =4
Vcc=9V
输出功率 Po
W
10
1
f=10kHz
1kHz
100Hz
L
L
20
100
0
-40
40
60
05
1
0.5
1
-20
0.
0.
0.3
3
THD - Tamb
环境温度 Tamb
80
R
=4
Vcc=9V
Vo=0.775V
f=10kHz
1kHz
100Hz
6
414
810
1
0.5
1
16
0.
0.3
3
THD - Vcc
电源电压 Vcc
V
12
R
=4
f=1kHz
Vo=0.775V
L
L
无锡华润矽科微电子有限公司
第 4 页 共 8 页



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com