Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9788 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9788
Description  Dual 12-/14-/16-Bit 800 MSPS DAC with Low Power 32-Bit Complex NCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9788 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9788 Datasheet HTML 29Page - Analog Devices AD9788 Datasheet HTML 30Page - Analog Devices AD9788 Datasheet HTML 31Page - Analog Devices AD9788 Datasheet HTML 32Page - Analog Devices AD9788 Datasheet HTML 33Page - Analog Devices AD9788 Datasheet HTML 34Page - Analog Devices AD9788 Datasheet HTML 35Page - Analog Devices AD9788 Datasheet HTML 36Page - Analog Devices AD9788 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
AD9785/AD9787/AD9788
Rev. 0 | Page 33 of 64
INPUT DATA PORTS
The AD9785/AD9787/AD9788 can operate in two data input
modes: dual-port mode and single-port mode. In the default
dual-port mode (single-port mode = 0), each DAC receives data
from a dedicated input port. In single-port mode (single-port
mode = 1), both DACs receive data from Port 1. In single-port
mode, DAC 1 and DAC 2 data is interleaved and the TXENABLE
input is used to steer data to the intended DAC. In dual-port
mode, the TXENABLE input is used to power down the digital
datapath.
In dual-port mode, the data must be delivered at the input data
rate. In single-port mode, data must be delivered at twice the
input data rate of each DAC. Because the data inputs function up
to a maximum of 300 MSPS, it is only practical to operate with
input data rates up to 150 MHz per DAC in single-port mode.
In both dual-port and single-port modes, a data clock output
(DATACLK) signal is available as a fixed-time base with which
to drive data from an FPGA (field programmable gate array) or
from another data source. This output signal operates at the
input data rate. The DATACLK pin can operate as either an
input or an output.
SINGLE-PORT MODE
In single-port mode, data for both DACs is received on the
Port 1 input bus (P1D[15:0]). I and Q data samples are inter-
leaved and are latched on the rising edges of DATACLK.
Accompanying the data is the TXENABLE (Pin 39) input
signal, which steers incoming data to its respective DAC. When
TXENABLE is high, the corresponding data-word is sent to the
I DAC and, when TXENABLE is low, the corresponding data is
sent to the Q DAC. The timing of the digital interface in
interleaved mode is shown in Figure 48.
The Q first bit (Register 0x01, Bit 1) controls the pairing
order of the input data. With the Q first bit set to the default
of 0, the I/Q pairing sent to the DACs is the two input data-
words corresponding to TXENABLE low followed by
TXENABLE high.
With the Q first bit set to 1, the I/Q pairing sent to the DACs is
the two input data-words corresponding to TXENABLE high
followed by TXENABLE low. Note that with Q first set, the
I data still corresponds to the TXENABLE high word and the
Q data corresponds to the TXENABLE low word and only the
pairing order changes.
DUAL-PORT MODE
In dual-port mode, data for each DAC is received on the
respective input bus (P1D[15:0] or P2D[15:0]). I and Q data
arrive simultaneously and are sampled on the rising edge of an
internal sampling clock (SMP_CLK) that is synchronous with
DATACLK.
INPUT DATA REFERENCED TO DATACLK
The simplest method of interfacing to the AD9785/AD9787/
AD9788 is when the input data is referenced to the DATACLK
output. The DATACLK output is phase-locked (with some
offset) to the internal clock that is used to latch the input data.
Therefore, if the setup and hold times of the input data with
respect to DATACLK are met, the interface timing latches in the
data correctly.
Table 25 shows the setup and hold time requirements for the
input data over the operating temperature range of the device.
Table 25 also shows the data valid window (DVW). The data
valid window is the sum of the setup and hold times of the
interface. This is the minimum amount of time valid data must
be presented to the device in order to ensure proper sampling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com