Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9788 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9788
Description  Dual 12-/14-/16-Bit 800 MSPS DAC with Low Power 32-Bit Complex NCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9788 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9788 Datasheet HTML 20Page - Analog Devices AD9788 Datasheet HTML 21Page - Analog Devices AD9788 Datasheet HTML 22Page - Analog Devices AD9788 Datasheet HTML 23Page - Analog Devices AD9788 Datasheet HTML 24Page - Analog Devices AD9788 Datasheet HTML 25Page - Analog Devices AD9788 Datasheet HTML 26Page - Analog Devices AD9788 Datasheet HTML 27Page - Analog Devices AD9788 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
AD9785/AD9787/AD9788
Rev. 0 | Page 24 of 64
SPI REGISTER MAP
When reading Table 9, note that the AD9785/AD9787/AD9788 is a 32-bit part and, therefore, the 4th through the 11th columns (beginning
with the MSB and ending with the LSB) represent a set of eight bits. Refer to the Bit Range column for the actual bits being described.
Table 9.
Address
Register
Name
Bit
Range
MSB
MSB − 1
MSB − 2
MSB − 3
MSB − 4
MSB − 5
MSB − 6
LSB
Default
0x00
Comm.
(COMM)
Register
[7:0]
SPI_SDIO
bidirectional
(active high,
3-wire)
LSB first
Software
reset
Power-
down
mode
Auto
power-
down
enable
I/O
transfer
(self-
reset)
Automatic
I/O
transfer
enable
Open
0x02
0x01
[7:0]
Interpolation Factor [1:0]
Data
format
Single-
port
mode
Real
mode
IQ select
invert
Q first
Modulator
gain
control
0x00
Digital
Control
Register
[15:8]
Reserved
Clear phase
accumulator
PN code
sync
enable
Sync
mode
select
Pulse
sync
enable
Spectral
inversion
Inverse
sinc
enable
DATACLK
output
enable
0x31
0x02
[7:0]
Data Timing
Margin [0]
LVDS data
clock enable
DATACLK
invert
DATACLK
delay
enable
Data
timing
mode
Set low
Data sync
polarity
Reserved
0x00
Data Sync
Control
Register
[15:8]
DATACLK Delay [4:0]
Data Timing Margin [3:1]
0x00
0x03
[7:0]
Clock State [3:0]
Sync Timing Margin [3:0]
0x00
[15:8]
SYNC _O Delay [4:0]
Set high
SYNC_O
polarity
Sync
loopback
enable
0x00
[23:16]
SYNC_I Delay [4:0]
Sync
error
check
mode
Set low
DATACLK
input
0x00
Multichip
Sync
Control
Register
[31:24]
Correlate Threshold [4:0]
SYNC _I
enable
SYNC _O
enable
Set low
0x80
0x04
[7:0]
PLL Band Select [5:0]
PLL VCO Drive [1:0]
0xCF
[15:8]
PLL enable
PLL VCO Divisor [1:0]
PLL Loop Divisor [1:0]
PLL Bias [2:0]
0x37
PLL
Control
Register
[23:16]
VCO Control Voltage [2:0]
PLL Loop Bandwidth [4:0]
0x38
0x05
[7:0]
I DAC Gain Adjustment [7:0]
0xF9
I DAC
Control
Register
[15:8]
I DAC sleep
I DAC
power-down
Reserved
I DAC Gain Adjustment
[9:8]
0x01
0x06
[7:0]
Auxiliary DAC 1 Data [7:0]
0x00
Auxiliary
DAC 1
Control
Register
[15:8]
Auxiliary
DAC 1 sign
Auxiliary
DAC 1
current
direction
Auxiliary
DAC 1
power-
down
Reserved
Auxiliary DAC 1 Data
[9:8]
0x00
0x07
[7:0]
Q DAC Gain Adjustment [7:0]
0xF9
Q DAC
Control
Register
[15:8]
Q DAC sleep
Q DAC
power-down
Reserved
Q DAC Gain Adjustment
[9:8]
0x01
0x08
[7:0]
Auxiliary DAC 2 Data [7:0]
0x00
Auxiliary
DAC 2
Control
Register
[15:8]
Auxiliary
DAC 2 sign
Auxiliary
DAC 2
current
direction
Auxiliary
DAC 2
power-
down
Reserved
Auxiliary DAC 2 Data
[9:8]
0x00
0x09
[7:0]
Data timing
error IRQ
Sync timing
error IRQ
Data
timing
error
type
Sync
timing
error
type
PLL lock
indicator
Reserved
Data port
IRQ enable
Sync port
IRQ
enable
0x00
Interrupt
Control
Register
[15:8]
Reserved
Clear lock
indicator
(self-
reset)
Sync
lock
lost
status
Sync lock
status
Reserved
0x00
0x0A
Frequency
Tuning
Word
Register
[31:0]
Frequency Tuning Word [31:0]
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com