Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9788 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9788
Description  Dual 12-/14-/16-Bit 800 MSPS DAC with Low Power 32-Bit Complex NCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9788 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9788 Datasheet HTML 48Page - Analog Devices AD9788 Datasheet HTML 49Page - Analog Devices AD9788 Datasheet HTML 50Page - Analog Devices AD9788 Datasheet HTML 51Page - Analog Devices AD9788 Datasheet HTML 52Page - Analog Devices AD9788 Datasheet HTML 53Page - Analog Devices AD9788 Datasheet HTML 54Page - Analog Devices AD9788 Datasheet HTML 55Page - Analog Devices AD9788 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
AD9785/AD9787/AD9788
Rev. 0 | Page 52 of 64
POWER DISSIPATION
Figure 74 through Figure 78 detail the power dissipation of the
AD9785/AD9787/AD9788 under a variety of operating conditions.
All of the graphs are taken with data being supplied to both the
I and Q channels. The power consumption of the device does
not vary significantly with changes in the modulation mode or
analog output frequency. Graphs of the total power dissipation
are shown along with the power dissipation of the DVDD18,
DVDD33, and CVDD18 supplies.
The power dissipation of the AVDD33 supply rail is independent
of the digital operating mode and sample rate. The current drawn
from the AVDD33 supply rail is typically 51 mA (182 mW) when
the full-scale current of the I and Q DACs is set to the nominal
value of 20 mA. Changing the full-scale current directly impacts
the supply current drawn from the AVDD33 rail. For example,
if the full-scale current of the I DAC and the Q DAC is changed
to 10 mA each, the AVDD33 supply current drops to 31 mA.
0
0
300
250
fDATA (MSPS)
70
60
50
40
30
20
10
50
100
150
200
1×
1× NCO
2×
2× NCO
4×
4× NCO
8×
8× NCO
0
0
300
250
fDATA (MSPS)
1800
1600
1400
1200
1000
800
600
400
200
50
100
150
200
1×
1× NCO
2×
2× NCO
4×
4× NCO
8×
8× NCO
Figure 76. Power Dissipation, Digital 3.3 V Supply, I and Q Data,
Dual DAC Mode
Figure 74. Power Dissipation, I and Q Data, Dual DAC Mode
0
0
300
250
fDATA (MSPS)
120
100
80
60
40
20
50
100
150
200
1×
1× NCO
2×
2× NCO
4×
4× NCO
8×
8× NCO
0
0
300
250
fDATA (MSPS)
1400
1200
1000
800
600
400
200
50
100
150
200
1×
1× NCO
2×
2× NCO
4×
4× NCO
8×
8× NCO
Figure 77. Power Dissipation, Clock 1.8 V Supply, I and Q Data,
Dual DAC Mode
Figure 75. Power Dissipation, Digital 1.8 V Supply, I and Q Data,
Dual DAC Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com