Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9788 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9788
Description  Dual 12-/14-/16-Bit 800 MSPS DAC with Low Power 32-Bit Complex NCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9788 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9788 Datasheet HTML 27Page - Analog Devices AD9788 Datasheet HTML 28Page - Analog Devices AD9788 Datasheet HTML 29Page - Analog Devices AD9788 Datasheet HTML 30Page - Analog Devices AD9788 Datasheet HTML 31Page - Analog Devices AD9788 Datasheet HTML 32Page - Analog Devices AD9788 Datasheet HTML 33Page - Analog Devices AD9788 Datasheet HTML 34Page - Analog Devices AD9788 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
AD9785/AD9787/AD9788
Rev. 0 | Page 31 of 64
The interrupt control register comprises two bytes located at Address 0x09. Bits [11:10] and Bits [7:3] are read-only bits that indicate the
current status of a specific event that may cause an interrupt request (IRQ pin active low). These bits are controlled via the digital logic
and are read only via the serial port. Bits [1:0] are the IRQ mask (or enable) bits, which are writable by the user and can also be read back.
Table 19. Interrupt Control Register
Address
Bit
Name
Description
[15:13]
Reserved
Reserved for future use.
[12]
Clear lock indicator
Writing a 1 to this bit clears the sync lock lost status bit. This bit does not automatically
reset itself to 0 when the reset is complete.
[11]
Sync lock lost status
When high, this bit indicates that the device has lost synchronization. This bit is latched
and does not reset automatically after the device regains synchronization. To reset this
bit to 0, a 1 must be written to the clear lock indicator bit.
[10]
Sync lock status
When this bit is low, the device is not synchronized. When this bit is high, the device is
synchronized.
[9:8]
Reserved
Reserved for future use.
0: Default. No setup or hold time error has been detected via the input data port
setup/hold error checking logic.
[7]
Data timing error IRQ
1: A setup or hold time error has been detected via the input data port setup/hold error
checking logic.
0: Default. No setup or hold time error has been detected via the multichip
synchronization receive pulse setup/hold error checking logic.
[6]
Sync timing error IRQ
1: A setup or hold time error has been detected via the multichip synchronization
receive pulse setup/hold error checking logic.
0: Default. A hold error has been detected via the input data port setup/hold error
checking logic. This bit is valid only if the data timing error IRQ bit (Bit 7) is set.
[5]
Data timing error type
1: A setup error has been detected via the input data port setup/hold error checking
logic. This bit is valid only if the data timing error IRQ bit (Bit 7) bit is set.
0: Default. A hold error has been detected via the multichip synchronization receive
pulse setup/hold error checking logic. This bit is valid only if the sync timing error IRQ
bit (Bit 6) is set.
[4]
Sync timing error type
1: A setup error has been detected via the multichip synchronization receive pulse
setup/hold error checking logic. This bit is valid only if the sync timing error IRQ bit
(Bit 6) is set.
0: Default. The PLL clock multiplier is not locked to the input reference clock.
[3]
PLL lock indicator
1: The PLL clock multiplier is locked to the input reference clock.
[2]
Reserved
Reserved for future use.
0: Default. The data IRQ bit (and the IRQ pin) are not enabled (masked) for any errors
that may be detected via the input data port setup/hold error checking logic.
[1]
Data port IRQ enable
1: The data IRQ bit (and the IRQ pin) are enabled and go active if a setup or hold error is
detected via the input data port setup/hold error checking logic.
0: Default. The sync IRQ bit (and the IRQ pin) are not enabled (masked) for any errors
that may be detected via the multichip synchronization receive pulse setup/hold error
checking logic.
0x09
[0]
Sync port IRQ enable
1: The sync IRQ bit (and the IRQ pin) are enabled and go active if a setup or hold error
is detected via the multichip synchronization receive pulse setup/hold error checking
logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com