Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9788 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9788
Description  Dual 12-/14-/16-Bit 800 MSPS DAC with Low Power 32-Bit Complex NCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9788 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9788 Datasheet HTML 17Page - Analog Devices AD9788 Datasheet HTML 18Page - Analog Devices AD9788 Datasheet HTML 19Page - Analog Devices AD9788 Datasheet HTML 20Page - Analog Devices AD9788 Datasheet HTML 21Page - Analog Devices AD9788 Datasheet HTML 22Page - Analog Devices AD9788 Datasheet HTML 23Page - Analog Devices AD9788 Datasheet HTML 24Page - Analog Devices AD9788 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
AD9785/AD9787/AD9788
Rev. 0 | Page 21 of 64
THEORY OF OPERATION
The AD9785/AD9787/AD9788 devices combine many features
that make them very attractive DACs for wired and wireless
communications systems. The dual digital signal path and dual
DAC structure allow an easy interface to common quadrature
modulators when designing single sideband transmitters. The
speed and performance of the AD9785/AD9787/AD9788 allow
wider bandwidths and more carriers to be synthesized than in
previously available DACs. In addition, these devices include
an innovative low power, 32-bit complex NCO that greatly
increases the ease of frequency placement.
The AD9785/AD9787/AD9788 offer features that allow
simplified synchronization with incoming data and between
multiple parts, as well as the capability to phase synchronize
NCOs on multiple devices. Auxiliary DACs are also provided
on chip for output dc offset compensation (for LO compen-
sation in SSB transmitters) and for gain matching (for image
rejection optimization in SSB transmitters). Another innovative
feature in the devices is the digitally programmable output
phase compensation, which increases the amount of image
cancellation capability in SSB (single sideband) transmitters.
SERIAL PORT INTERFACE
The AD9785/AD9787/AD9788 serial port is a flexible,
synchronous serial communications port allowing easy
interface to many industry-standard microcontrollers and
microprocessors. The serial I/O is compatible with most
synchronous transfer formats, including both the Motorola®
6905/11 SPI and the Intel® 8051 SSR protocols.
The serial interface allows read/write access to all registers that
configure the AD9785/AD9787/AD9788. MSB first and LSB
first transfer formats are supported. In addition, the serial
interface port can be configured as a single-pin I/O (SDIO),
which allows a 3-wire interface, or two unidirectional pins for
input/output (SDIO/SDO), which enables a 4-wire interface.
One optional pin, SPI_CSB (chip select), allows enabling of
multiple devices on a single bus.
With the AD9785/AD9787/AD9788, the instruction byte
specifies read/write operation and the register address. Serial
operations on the AD9785/AD9787/AD9788 occur only at the
register level, not at the byte level, due to the lack of byte
address space in the instruction byte.
INTERNAL CLOCK TIMING AND CONTROL LOGIC
DELAY
LINE
DELAY
LINE
DELAY
LINE
SYNC_O
DATACLK
SYNC_I
P1D[15:0]
TXENABLE
P2D[15:0]
16-BIT
DAC1
OUT1_P
OUT1_N
16-BIT
DAC2
OUT2_P
OUT2_N
AUX1_N
VREF
AUX1_P
AUX2_N
AUX2_P
RESET
REFCLK+
REFCLK–
AUX1
AUX2
CLK
RCVR
CLOCK
MULTIPLIER
(2× – 16×)
POWER-ON
RESET
PLL CONTROL
DAC_CLK
0
1
10
10
SERIAL
I/O
PORT
PROGRAMMING
REGISTERS
MULTICHIP
SYNCHRONIZATION
1
0
LVDS
LVDS
QUAD
HB
FILTER
(2×)
QUAD
HB
FILTER
(2×)
QUAD
HB
FILTER
(2×)
16
16
1
2
3
0
2
1
0
3
+
+
+
+
NCO
ω
θ
16
16
16
10
16
16
32
COS
Q-SCALE
SIN
PHASE
CORRECTION
×
SIN(×)
0
1
×
SIN(×)
0
1
I-SCALE
Q-OFFSET
I-OFFSET
Figure 42. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com