Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB181ILT Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSB181ILT
Description  Very high accuracy (20 μV), zero-drift, rail-to-rail output, 3 MHz, 36 V op amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB181ILT Datasheet(HTML) 3 Page - STMicroelectronics

  TSB181ILT Datasheet HTML 1Page - STMicroelectronics TSB181ILT Datasheet HTML 2Page - STMicroelectronics TSB181ILT Datasheet HTML 3Page - STMicroelectronics TSB181ILT Datasheet HTML 4Page - STMicroelectronics TSB181ILT Datasheet HTML 5Page - STMicroelectronics TSB181ILT Datasheet HTML 6Page - STMicroelectronics TSB181ILT Datasheet HTML 7Page - STMicroelectronics TSB181ILT Datasheet HTML 8Page - STMicroelectronics TSB181ILT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
2
Absolute maximum ratings and operating conditions
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vcc
Supply voltage (1)
40
V
Vid
Differential input voltage (2)
± 0.7
V
Vin
Input voltage
(Vcc-) -0.3 to (Vcc+) +0.3
V
Iin
Input current (3)
10
mA
Tstg
Storage temperature
-65 to 150
°C
Tj
Junction temperature
150
°C
Rth-ja
Thermal resistance junction-to-ambient (4) (5)
SO8
MiniSO8
SOT23-5
125
190
250
°C/W
ESD
Human Body Model (HBM) (6)
4000
V
Machine Model (MM) (7)
200
Charged Device Model (CDM) (8)
1500
1. All voltage values, except differential voltage, are with respect to network ground terminal.
2. The differential voltage is the difference between inverting and non-inverting terminal voltage.
3. Input current must be limited by a resistor in series with the inputs.
4. Rth are typical values.
5. Short-circuits can cause excessive heating and destructive dissipation.
6. According to JEDEC standard JESD22-A114F.
7. According to JEDEC standard JESD22-A115A.
8. According to ANSI/ESD STM 5.3.1.
Table 2. Operating conditions
Symbol
Parameter
Value
Unit
Vcc
Supply voltage
4 to 36
V
Vicm
Common mode voltage on input pins
(Vcc-) to (Vcc+) -2
V
T
Operating free-air temperature range
-40 to 125
°C
TSB181, TSB182
Absolute maximum ratings and operating conditions
DS14357 - Rev 5
page 3/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com