Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB181ILT Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSB181ILT
Description  Very high accuracy (20 μV), zero-drift, rail-to-rail output, 3 MHz, 36 V op amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB181ILT Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSB181ILT Datasheet HTML 16Page - STMicroelectronics TSB181ILT Datasheet HTML 17Page - STMicroelectronics TSB181ILT Datasheet HTML 18Page - STMicroelectronics TSB181ILT Datasheet HTML 19Page - STMicroelectronics TSB181ILT Datasheet HTML 20Page - STMicroelectronics TSB181ILT Datasheet HTML 21Page - STMicroelectronics TSB181ILT Datasheet HTML 22Page - STMicroelectronics TSB181ILT Datasheet HTML 23Page - STMicroelectronics TSB181ILT Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Figure 54. A1 amplification + intrinsic offset
Figure 55. Unchopped output diff. voltage + filter
The DC offset and low-frequency noise introduced by A1 are converted to the residual square ripple seen on
Figure 55. Due to many non-idealities of the notch filter and some complications in the reconstruction of the
signal, the output of the TSB181, TSB182 operational amplifiers can show some of the switching characteristic of
the chopping stages, including output ripple and converging steps, especially in some configurations where a fast
transient is applied at the input or when driven out of saturation. These non-analog behaviors are drawbacks
inherent to the chopper architecture, hence special efforts were made to reduce them as much as possible, such
as lowering the output ripple down to the TSB181, TSB182 operational amplifiers' output noise level.
Figure 56. Normalized cardinal sine
Figure 57. Output ripple and notch sampler
The ripple is in fact not at first visible in terms of steps but is more likely a triangular waveform, as the first
amplifying stage is driving its output capacitor in current. The ripple is then reduced by a notch filter, a sample-
and-hold system taking a picture of the voltage each period of the triangle wave. If tuned wisely, this notch filter
can dramatically reduce the output ripple down to a very low level which is acceptable compared to the achieved
Vio performance. This is made possible thanks to the frequency characteristics of the notch filter, totally rejecting
some frequencies (in theory), as shown in Figure 56. The filter is made so that the chopping frequency and its
harmonics are canceled out, thus eliminating the ripple, and removing the remaining errors that were at or close
to the chopping frequency (1/f noise).
TSB181, TSB182
Application information
DS14357 - Rev 5
page 20/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com