Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB181ILT Datasheet (PDF) - STMicroelectronics

TSB181ILT Datasheet PDF - STMicroelectronics
Part # TSB181ILT
Download  TSB181ILT Download
File Size   9766.8 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Very high accuracy (20 μV), zero-drift, rail-to-rail output, 3 MHz, 36 V op amp

TSB181ILT Datasheet (PDF)

Go To PDF Page Download Datasheet
TSB181ILT Datasheet PDF - STMicroelectronics

Part # TSB181ILT
Download  TSB181ILT Click to download

File Size   9766.8 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Very high accuracy (20 μV), zero-drift, rail-to-rail output, 3 MHz, 36 V op amp

TSB181ILT Datasheet (HTML) - STMicroelectronics


TSB181ILT Product details

Features
• Very low offset voltage: 20 μV max. @ 25 °C
• Rail-to-rail output
• Wide supply voltage: 4 to 36 V
• Gain bandwidth product: 3 MHz
• Slew rate: 2 V/μs
• Low noise: 24 nV/√Hz
• EMI hardened
• High ESD tolerance: 4 kV HBM
• Extended temperature range: -40 °C to 125 °C
• AEC-Q100 qualified




Similar Part No. - TSB181ILT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSB18 ETC1-TSB18 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
logo
STMicroelectronics
TSB182 STMICROELECTRONICS-TSB182 Datasheet
7Mb / 36P
High bandwidth (52 MHz), rail-to-rail output, 36 V op amp
20-Feb-2024
More results


Similar Description - TSB181ILT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1152 LINER-LTC1152 Datasheet
240Kb / 8P
Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
logo
Analog Devices
ADA4051-2 AD-ADA4051-2 Datasheet
611Kb / 20P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. 0
ADA4051-1 AD-ADA4051-1 Datasheet
620Kb / 20P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. B
logo
Linear Technology
LT1152 LINER-LT1152_15 Datasheet
227Kb / 8P
Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
logo
Texas Instruments
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187 Datasheet
1Mb / 33P
Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
logo
Analog Devices
ADA4051-1 AD-ADA4051-1_16 Datasheet
669Kb / 22P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amps
Rev. C
logo
Texas Instruments
OPA187 TI1-OPA187_17 Datasheet
1Mb / 35P
Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
logo
STMicroelectronics
TSV771 STMICROELECTRONICS-TSV771 Datasheet
3Mb / 32P
High bandwidth (20 MHz) low offset (200 μV) rail-to-rail 5 V Op Amp
TSV782 STMICROELECTRONICS-TSV782 Datasheet
8Mb / 32P
High bandwidth (30 MHz) low offset (200 μV) rail-to-rail 5 V op amp
19-Dec-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com