Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB181ILT Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSB181ILT
Description  Very high accuracy (20 μV), zero-drift, rail-to-rail output, 3 MHz, 36 V op amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB181ILT Datasheet(HTML) 2 Page - STMicroelectronics

  TSB181ILT Datasheet HTML 1Page - STMicroelectronics TSB181ILT Datasheet HTML 2Page - STMicroelectronics TSB181ILT Datasheet HTML 3Page - STMicroelectronics TSB181ILT Datasheet HTML 4Page - STMicroelectronics TSB181ILT Datasheet HTML 5Page - STMicroelectronics TSB181ILT Datasheet HTML 6Page - STMicroelectronics TSB181ILT Datasheet HTML 7Page - STMicroelectronics TSB181ILT Datasheet HTML 8Page - STMicroelectronics TSB181ILT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
1
Pin description
Figure 1. Pin connection TSB181 (top view)
OUT
VCC-
IN+
VCC+
IN-
1
2
3
4
5
SOT23-5 (TSB181)
SO8 (TSB181)
1
2
3
4
5
6
7
8
-
+
NC
IN-
IN+
VCC-
NC
VCC+
OUT
NC
(1) NC = no connection
(1)
+
-
Figure 2. Pin connections TSB182 (top view)
VCC+
VCC-
OUT1
IN1-
IN1+
OUT2
IN2-
IN2+
SO8 - MiniSO8 (TSB182)
8
7
1
2
3
4
6
5
TSB181, TSB182
Pin description
DS14357 - Rev 5
page 2/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com