Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB181ILT Datasheet(PDF) 21 Page - STMicroelectronics

Part # TSB181ILT
Description  Very high accuracy (20 μV), zero-drift, rail-to-rail output, 3 MHz, 36 V op amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB181ILT Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TSB181ILT Datasheet HTML 17Page - STMicroelectronics TSB181ILT Datasheet HTML 18Page - STMicroelectronics TSB181ILT Datasheet HTML 19Page - STMicroelectronics TSB181ILT Datasheet HTML 20Page - STMicroelectronics TSB181ILT Datasheet HTML 21Page - STMicroelectronics TSB181ILT Datasheet HTML 22Page - STMicroelectronics TSB181ILT Datasheet HTML 23Page - STMicroelectronics TSB181ILT Datasheet HTML 24Page - STMicroelectronics TSB181ILT Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
5.1.2
Frequency domain
The frequency domain gives a more accurate vision of the chopper-stabilized amplifier architecture, especially
due to the chopping circuits it holds.
Figure 58. Input differential voltage
Figure 59. Chopped input diff. voltage
Figure 60. A1 amplification + intrinsic offset
Figure 61. Unchopped output diff. voltage + filter
When chopping the input signal, its frequency gets shifted around the switching frequency of the chop switches
(chopping frequency) and all its odd harmonics (frequency signature of a square signal). This enables the signal
to be frequency differentiated from the errors introduced by the first amplifying stage A1 (DC offset and flicker
noise).
After being amplified, the second chopper stage (Chop 2) demodulates the signal to its original frequency while
shifting low frequency errors around the chopping frequency.
These remaining spikes are then faded out by the notch filter, removing the errors introduced by the amplifying
stage.
5.2
ESD protection
Internal ESD diodes are present on every output and input pin of the TSB181, TSB182 ensuring a safe
conductive path in case of electrostatic discharge. Should the voltage on the pin exceed the power supply, its
ESD diode will become conductive and current will flow through it. This path is designed to resist ESD discharges,
however the input pins (IN1-, IN1+, IN2-, IN2+) are not rated to support a continuous (DC) current over 10 mA. In
such cases, a limiting resistor must be added to ensure that the input current absolute maximum rating (AMR) is
respected.
In addition, anti-parallel diodes have been added for protecting the safe operating area of the input MOS
transistors. These diodes shown on Figure 62 limit the differential input voltage to about 0.7 V. Hence, the input
current shares a relation with the differential input voltage: at any time, the differential input voltage should be
limited to 0.7 V or the input current to 10 mA, whichever comes first.
TSB181, TSB182
Application information
DS14357 - Rev 5
page 21/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com