Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1010-RTY1 Datasheet(PDF) 95 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 95 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 91Page - Texas Instruments CC1010-RTY1 Datasheet HTML 92Page - Texas Instruments CC1010-RTY1 Datasheet HTML 93Page - Texas Instruments CC1010-RTY1 Datasheet HTML 94Page - Texas Instruments CC1010-RTY1 Datasheet HTML 95Page - Texas Instruments CC1010-RTY1 Datasheet HTML 96Page - Texas Instruments CC1010-RTY1 Datasheet HTML 97Page - Texas Instruments CC1010-RTY1 Datasheet HTML 98Page - Texas Instruments CC1010-RTY1 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 150 page
background image
CC1010
SWRS047A
Page 95 of 146
17.8 Transmitting and receiving data
In
the
Transparent
or
UART
modes
outgoing and incoming data is routed
directly to the modulator in transmit mode
and directly from the demodulator in
receive mode. In the NRZ and Manchester
modes, however, data buffering occurs in
RFBUF
as illustrated in Figure 24. This
buffering has some repercussions that
must be considered when receiving or
transmitting data, particularly in bytemode.
RFBUF
8-bit shift reg.
8051 core
RF
Transmitter
Modulator
RF
Receiver
Demodulator
LSB
Figure 24. RF Data Buffering. Dotted lines show bitmode
RFBUF (0xC9) - RF Data Buffer
Bit
Name
R/W
Reset value
Description
7:0
RFBUF
R/W
0x00
RF Data Buffer, 8 bits. RFBUF is used as described below.
17.8.1
Transmission
When
transmitting
data
in
bytemode
(RFCON.BYTEMODE=1),
the
buffering
scheme shifts out bits of an 8-bit shift
register to the modulator one at a time,
MSB first, at periods specified by the
selected baud rate. When this shift register
is empty it will load a new byte from
RFBUF
and continue shifting out bits. The
contents of the RFBUF register remain
unchanged after a shift register load. An
interrupt request is generated (EXIF.RFI)
so that RFBUF can be loaded with a new
data byte.
If a new byte is not written within eight bit
periods (eight baud periods in NRZ mode
and
16
baud
periods
in
Manchester
mode), the next time the shift register is
empty it will load the same byte from
RFBUF
again. E.g. when transmitting a
preamble consisting of alternating '0' and
'1', it is only necessary to write the byte to
RFBUF
once and then wait the desired
number of byte cycles for the preamble to
be transmitted.
In bitmode (RFCON.BYTEMODE=0), the
same buffering occurs, but only for one bit
at a time. Thus, the shift register will load a
new
bit
from
RFBUF.0
after
each
transmitted bit, which in turn generates a
RF-interrupt request so that a new bit can
be loaded. In order to be able to write the
next bit to RFBUF.0 within one bit period
at high baud rates, it is advisable to use a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com