| Electronic Components Datasheet Search |
|
CC1010-RTY1 Datasheet(PDF) 54 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC1010-RTY1 Datasheet(HTML) 54 Page - Texas Instruments |
|
54 / 150 page ![]() CC1010 SWRS047A Page 54 of 146 TCON (0x88) - Timer / Counter 0 and 1 control register Bit Name R/W Reset value Description 7 TF1 R/W 0 Timer 1 overflow flag. TF1 is set to 1 by hardware when the Timer 1 count overflows and is cleared by hardware when the 8051 vectors to the interrupt service routine. 6 TR1 R/W 0 Timer 1 run control bit 0 : Timer / Counter 1 is disabled 1 : Timer / Counter 1 is enabled 5 TF0 R/W 0 Timer 0 overflow flag. TF0 is set to 1 by hardware when the Timer 0 count overflows and is cleared by hardware when the 8051 vectors to the interrupt service routine. 4 TR0 R/W 0 Timer 0 run control bit 0 : Timer / Counter 0 is disabled 1 : Timer / Counter 0 is enabled 3 IE1 R/W0 0 External interrupt 1 edge detect (interrupt flag) If external interrupt 1 is configured to be edge sensitive (TCON.IT1 = 1), IE1 is set by hardware when a negative edge is detected on the INT1 pin and is cleared by hardware when the 8051 vectors to the corresponding interrupt service routine. In edge-sensitive mode, IE1 can also be set by software. If external interrupt 1 is configured to be level-sensitive (TCON.IT1 = 0), IE1 is set when the INT1 pin is low and cleared when the INT1 pin is high. In level-sensitive mode, software cannot write to IE1. 2 IT1 R/W 0 External interrupt 1 type select. 0 : The INT1 interrupt is triggered when INT1 is low (level sensitive). 1 : The INT1 interrupt is triggered on the falling edge (edge sensitive) 1 IE0 R/W0 0 External interrupt 0 edge detect (interrupt flag) If external interrupt 0 is configured to be edge sensitive (TCON.IT0 = 1), IE0 is set by hardware when a negative edge is detected on the INT0 pin and is cleared by hardware when the 8051 vectors to the corresponding interrupt service routine. In edge-sensitive mode, IE0 can also be set by software. If external interrupt 0 is configured to be level-sensitive (TCON.IT0 = 0), IE0 is set when the INT0 pin is low and cleared when the INT0 pin is high. In level-sensitive mode, software cannot write to IE0. 0 IT0 R/W 0 External interrupt 0 type select. 0 : The INT0 interrupt is triggered when INT0 is low (level sensitive). 1 : The INT0 interrupt is triggered on the falling edge (edge sensitive) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |