Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1010-RTY1 Datasheet(PDF) 88 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 88 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 84Page - Texas Instruments CC1010-RTY1 Datasheet HTML 85Page - Texas Instruments CC1010-RTY1 Datasheet HTML 86Page - Texas Instruments CC1010-RTY1 Datasheet HTML 87Page - Texas Instruments CC1010-RTY1 Datasheet HTML 88Page - Texas Instruments CC1010-RTY1 Datasheet HTML 89Page - Texas Instruments CC1010-RTY1 Datasheet HTML 90Page - Texas Instruments CC1010-RTY1 Datasheet HTML 91Page - Texas Instruments CC1010-RTY1 Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 150 page
background image
CC1010
SWRS047A
Page 88 of 146
17.4 Transceiver Configuration Overview
The RF transceiver configuration can be
optimised to achieve the best performance
for different applications. Through the SFR
registers the following key parameters can
be programmed:
• Receive / transmit mode
• RF output power
• Frequency synthesiser key parameters:
RF output frequency, FSK frequency
separation (deviation), crystal oscillator
reference frequency
• Power-down / power-up mode
• Data rate and data format (NRZ,
Manchester
coded,
Transparent
or
UART interface)
• Synthesiser lock indicator mode
• Optional RSSI or external IF output
17.4.1
SmartRF
® Studio
Chipcon provides users of
CC1010 with a
Windows application, SmartRF
® Studio,
which generates all necessary
CC1010 RF
configuration settings based on the user's
selections of various parameters. These
SFR register settings can be used in a
CC1010 program to configure the RF. In
addition SmartRF
® Studio will provide the
user with the component values needed
for the input/output matching circuit and
the VCO inductor.
Chipcon recommends using the register
settings found using the SmartRF
® Studio
software. These are the register settings
that
Chipcon
can
guarantee
across
temperature, voltage and process. Please
visit the Chipcon web site regularly for
updates to the SmartRF
® Studio software,
or subscribe to the Chipcon Developer’s
Newsletter to be notified of updates.
Figure 21 shows the user interface of
SmartRF
® Studio.
Figure 21. SmartRF
® Studio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com