Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1010-RTY1 Datasheet(PDF) 92 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 92 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 88Page - Texas Instruments CC1010-RTY1 Datasheet HTML 89Page - Texas Instruments CC1010-RTY1 Datasheet HTML 90Page - Texas Instruments CC1010-RTY1 Datasheet HTML 91Page - Texas Instruments CC1010-RTY1 Datasheet HTML 92Page - Texas Instruments CC1010-RTY1 Datasheet HTML 93Page - Texas Instruments CC1010-RTY1 Datasheet HTML 94Page - Texas Instruments CC1010-RTY1 Datasheet HTML 95Page - Texas Instruments CC1010-RTY1 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 150 page
background image
CC1010
SWRS047A
Page 92 of 146
Time
TX
data
1 0 1 1 0 0 0 1 1 0 1
f
0
f
1
Figure 23. Manchester encoding
Transparent
mode
UART mode
Synchronous
Manchester
encoded mode
Synchronous NRZ
mode
Baudrate
configuration
User defined
Defined by UART
through Timer 1
Generated by hardware, as defined by
MODEM0.BAUDRATE
Data encoding
User defined
Defined by UART
settings
Manchester
encoding.
Bitrate is half of
baudrate.
None (NRZ)
Data Input &
Output
RFBUF(0)
N/A
RFBUF
in bytemode, RFBUF(0) in bitmode.
Clock
Regeneration
N/A
Performed by
UART
Performed
internally. A
violation to the
Manchester coding
format is reported
in RFCON.MVIOL.
Performed by
hardware
Bitmode/
Bytemode
N/A
N/A
Both possible. Bytemode is forced when
using preamble detection
Preamble
detection
N/A
N/A
If PDET.PEN=1 a configurable number of
alternating '0's and '1's (PDET.PLEN)
followed by a one-byte start of frame
delimiter as defined in BSYNC is needed to
trigger reception. Bytemode is forced
when PDET.PEN=1.
Table 29. Properties of different data modes (MODEM0.DATA_FORMAT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com